Electronic Components Datasheet Search
  English  ▼

X  

LTC1064 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC1064
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1064 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC1064 Datasheet HTML 7Page - Analog Devices LTC1064 Datasheet HTML 8Page - Analog Devices LTC1064 Datasheet HTML 9Page - Analog Devices LTC1064 Datasheet HTML 10Page - Analog Devices LTC1064 Datasheet HTML 11Page - Analog Devices LTC1064 Datasheet HTML 12Page - Analog Devices LTC1064 Datasheet HTML 13Page - Analog Devices LTC1064 Datasheet HTML 14Page - Analog Devices LTC1064 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC1064
11
1064fb
TYPICAL APPLICATIO S
INPUT FREQUENCY (kHz)
0
5
0
–5
–10
–15
–20
–25
–30
–35
–40
20
40
50
10
30
fCLK = 2MHz
1064 TA06
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R22
R32
R23
R33
R43
R13
R14
R44
R34
R24
20k
R11
VIN3
VIN4
VIN2
VIN1
5V TO 8V
fCLK
–5V TO –8V
VOUT
1064 TA05
R12
R31
R21
17.4k
20k
20k
0.1
µF
10.5k
RESISTOR VALUES:
R11 = 249k
R21 = 10k
R31 = 249k
R12 = 249k
R22 = 10k
R32 = 249k
R13 = 499k
R23 = 10k
R33 = 174k
R43 = 17.8k
R14 = 453k
R24 = 10k
R34 = 249k
R44 = 40.2k
0.1
µF
–
+
LT1056
INPUT FREQUENCY (Hz)
10k
15
0
–15
–30
–45
–60
–75
–90
–105
100k
1M
1064 TA04
VS = ±8V
fCLK = 7MHz
fCLK = 2MHz
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R23
R33
R43
R24
R34
R44
R14
R13
R42
R32
R22
R12
R11
VIN
5V TO 8V
fCLK ≤ 7MHz
C1
C2
0.1
µF
–5V TO –8V
VOUT
1064 TA03
R41
R31
R21
0.1
µF
RESISTOR VALUES:
R11 = 16k
R21 = 16k
R31 = 7.32k
R41 = 10k
R12 = 10k
R22 = 10k
R32 = 22.6k
R42 = 13.3k
R13 = 23.2k R23 = 13.3k R33 = 21.5k
R43 = 10k
R14 = 6.8k
R24 = 20k
R34 = 15.4k
R44 = 32.4k
NOTE: FOR fCLK ≥ 3MHz, USE C1 = C2 = 22pF
Wideband Bandpass: Ratio of High to Low Corner Frequency Equal to 2
Amplitude Response
Quad Bandpass Filter with Center Frequency Equal to fO, 2fO, 3fO and 4fO
Amplitude Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com