Electronic Components Datasheet Search
  English  ▼

X  

TSM41 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSM41
Description  4 mm Square Surface-Mount Miniature Trimmers Multi-Turn
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSM41 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSM41 Datasheet HTML 1Page - Vishay Siliconix TSM41 Datasheet HTML 2Page - Vishay Siliconix TSM41 Datasheet HTML 3Page - Vishay Siliconix TSM41 Datasheet HTML 4Page - Vishay Siliconix TSM41 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSM41
www.vishay.com
Vishay Sfernice
Revision: 21-Oct-2025
2
Document Number: 51105
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
ELECTRICAL SPECIFICATIONS
Electrical travel adjustment angle
12 turns nom.
Resistance range
10
Ω to 1 MΩ
Tolerance standard
± 10 %
Power rating (300 V max.)
Linear
0.25 W at 85 °C
0 W at 150 °C
Circuit diagram
Temperature coefficient
± 100 ppm/°C
Contact resistance variation (typical)
2 % or 3
Ω
End resistance (typical)
1
Ω
Dielectric strength (RMS)
600 V (1 minute)
Insulation resistance (500 VDC)
100 M
Ω
MECHANICAL SPECIFICATIONS
Torque
1.8 cm/V max.
End stop
Clutch action (2 turns max.)
Unit weight
Approximately 0.28 g
Wiper
Positioned at approx. 50 % (actual TR)
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +140 °C
Sealing
Sealed container IP67
MSL level
1
SOLDERING RECOMMENDATIONS
Recommended reflow profile 2, see Application Note www.vishay.com/doc?52029
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
Load life
1000 h at rated power
90'/30' - ambient temp. +85 °C
Total resistance shift = ± 3
Ω or ± 3 %
whichever is greater
Humidity
MIL-STD-202 method 106
Total resistance shift = ± 2 %
Insulation resistance = 10 M
Ω
Thermal shock
5 cycles
Total resistance shift = ± 2 %
Voltage resistance shift = ± 1 %
Rotational cycling
200 cycles
Total resistance shift = ± 3
Ω or ± 3 %
whichever is greater
Shock
100 g
Total resistance shift = ± 1 %
Voltage resistance shift = ± 1 %
Vibration
20 g
Total resistance shift = ± 1 %
Voltage resistance shift = ± 1 %
a
(1)
b
(2)
c
(3)
cw



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com