Electronic Components Datasheet Search
  English  ▼

X  

LTC1068 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1068
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1068 Datasheet(HTML) 2 Page - Analog Devices

  LTC1068 Datasheet HTML 1Page - Analog Devices LTC1068 Datasheet HTML 2Page - Analog Devices LTC1068 Datasheet HTML 3Page - Analog Devices LTC1068 Datasheet HTML 4Page - Analog Devices LTC1068 Datasheet HTML 5Page - Analog Devices LTC1068 Datasheet HTML 6Page - Analog Devices LTC1068 Datasheet HTML 7Page - Analog Devices LTC1068 Datasheet HTML 8Page - Analog Devices LTC1068 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC1064
2
1064fb
Total Supply Voltage (V + to V –) ............................. 16V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1064AC/LTC1064C .................... – 40
°C to 85°C
LTC1064AM
LTC1064M (OBSOLETE) ............... – 55
°C to 125°C
ELECTRICAL CHARACTERISTICS (Internal Op Amps) The ● denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PACKAGE/ORDER I FOR ATIO
SW PACKAGE
24-LEAD PLASTIC SO WIDE
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
N PACKAGE
24-LEAD PLASTIC DIP
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage Range
±2.375
±8V
Voltage Swings
VS = ±5V, RL = 5k
±3.2
±3.6
V
●
±3.1
V
Output Short-Circuit Current (Source/Sink)
VS = ±5V
3
mA
DC Open-Loop Gain
VS = ±5V, RL = 5k
80
dB
GBW Product
VS = ±5V
7
MHz
Slew Rate
VS = ±5V
10
V/
µs
ABSOLUTE
AXI U
RATI GS (Note 1)
TJMAX = 110°C, θJA = 65°C/W
LTC1064ACN
LTC1064CN
LTC1064CSW
ORDER PART
NUMBER
ORDER PART
NUMBER
TJMAX = 100°C, θJA = 85°C/ W
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LTC1064ACJ
LTC1064CJ
LTC1064AMJ
LTC1064MJ
J PACKAGE 24-LEAD CERAMIC DIP
TJMAX = 150°C, θJA = 100°C/W
OBSOLETE PACKAGE
Consider the 24-Lead N Package as an Alternate Source
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com