Electronic Components Datasheet Search
  English  ▼

X  

LMV431ACM5 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV431ACM5
Description  Low-Voltage (1.24V) Adjustable Precision Shunt
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV431ACM5 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMV431ACM5 Datasheet HTML 3Page - National Semiconductor (TI) LMV431ACM5 Datasheet HTML 4Page - National Semiconductor (TI) LMV431ACM5 Datasheet HTML 5Page - National Semiconductor (TI) LMV431ACM5 Datasheet HTML 6Page - National Semiconductor (TI) LMV431ACM5 Datasheet HTML 7Page - National Semiconductor (TI) LMV431ACM5 Datasheet HTML 8Page - National Semiconductor (TI) LMV431ACM5 Datasheet HTML 9Page - National Semiconductor (TI) LMV431ACM5 Datasheet HTML 10Page - National Semiconductor (TI) LMV431ACM5 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LMV431BI Electrical Characteristics (Continued)
T
A = 25˚C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
∝I
REF
Deviation of Reference Input Current
over Temperature
R
1 = 10k
Ω,R
2 = ∞,
I
I = 10mA, TA = Full Range (see Figure 2)
0.1
0.4
µA
I
Z(MIN)
Minimum Cathode Current for
Regulation
V
Z =VREF (see Figure 1)
55
80
µA
I
Z(OFF)
Off-State Current
V
Z = 6V, VREF =0V (see Figure 3 )
0.001
0.1
µA
r
Z
Dynamic Output Impedance (Note 5)
V
Z =VREF,IZ = 0.1mA to 15mA
Frequency = 0Hz (see Figure 1)
0.25
0.4
Ω
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when operating the device
beyond its rated operating conditions.
Note 2: Ratings apply to ambient temperature at 25˚C. Above this temperature, derate the TO92 at 6.2 mW/˚C, and the SOT23-5 at 2.2 mW/˚C. See derating curve
in Operating Condition section..
Note 3: TJ Max = 150˚C, TJ =TA+(θJA PD), where PD is the operating power of the device.
Note 4: Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference input voltage over the full temperature range.
See following:
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com