Electronic Components Datasheet Search
  English  ▼

X  

250S18 Datasheet(PDF) 4 Page - Switchcraft, Inc.

Part # 250S18
Description  Sealed 1/4” [6.35mm] Jacks & Plugs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

250S18 Datasheet(HTML) 4 Page - Switchcraft, Inc.

  250S18 Datasheet HTML 1Page - Switchcraft, Inc. 250S18 Datasheet HTML 2Page - Switchcraft, Inc. 250S18 Datasheet HTML 3Page - Switchcraft, Inc. 250S18 Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NPB 666
Sealed 1/4” [6.35mm] Jacks & Plugs
STANDARD PART NUMBERS
Part Number
Conductors
Accepted PANEL THICKNESS
11W11
2 (Mono)
0.095" [2.4mm] to 0.125" [3.2mm]
11W07
2 (Mono)
0.050" [1.3mm] to 0.090" [2.3mm]
12AW11
2 (Mono)
0.095" [2.4mm] to 0.125" [3.2mm]
12AW07
2 (Mono)
0.050" [1.3mm] to 0.090" [2.3mm]
12BW11
3 (Stereo)
0.095" [2.4mm] to 0.125" [3.2mm]
12BW07
3 (Stereo)
0.050" [1.3mm] to 0.090" [2.3mm]
JACKS*
Part Number
Conductors
Accepted CABLE DIAMETER
250S15
2 (Mono)
0.140" [3.6mm] to 0.170" [4.3mm]
250S18
2 (Mono)
0.171" [4.3mm] to 0.200" [5.1mm]
250S22
2 (Mono)
0.201" [5.1mm] to 0.230" [5.8mm]
250S25
2 (Mono)
0.231" [5.9mm] to 0.260" [6.6mm]
250S28
2 (Mono)
0.261" [6.6mm] to 0.290" [7.4mm]
267S15
3 (Stereo)
0.140" [3.6mm] to 0.170" [4.3mm]
267S18
3 (Stereo)
0.171" [4.3mm] to 0.200" [5.1mm]
267S22
3 (Stereo)
0.201" [5.1mm] to 0.230" [5.8mm]
267S25
3 (Stereo)
0.231" [5.9mm] to 0.260" [6.6mm]
267S28
3 (Stereo)
0.261" [6.6mm] to 0.290" [7.4mm]
PLUGS
Part Number
ACCEPTED PANEL THICKNESS
W11
0.095” [2.4mm] to 0.125” [3.2mm]
W07
0.050” [1.3mm] to 0.090” [2.3mm]
KITS (Sealing Hex Nut with O-Ring)
*Note: Any Switchcraft 1/4” jack is available with sealed hardware as a special order.
Call factory for ordering code and details.
55 5 5 N EL STON A VE, CHIC A GO , IL 606 30 - 77 3.79 2.2700 - SALES@SW ITCHCRAFT.COM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com