Electronic Components Datasheet Search
  English  ▼

X  

11W11 Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # 11W11
Description  Sealed 1/4” [6.35mm] Jacks & Plugs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

11W11 Datasheet(HTML) 3 Page - Switchcraft, Inc.

  11W11 Datasheet HTML 1Page - Switchcraft, Inc. 11W11 Datasheet HTML 2Page - Switchcraft, Inc. 11W11 Datasheet HTML 3Page - Switchcraft, Inc. 11W11 Datasheet HTML 4Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPB 666
Sealed 1/4” [6.35mm] Jacks & Plugs
VISIT WW W .SWITCHCRAFT.COM FOR THE MOST UP-TO-D A TE PRODUCT SPECIFIC A TIONS
PRODUCT OVERVIEW
0.375
9.5
0.28
7.0
K180
METAL WASHER
SEE NOTES
W07, W11
MOUNTING PANEL
SEE NOTES
CABLE
SEE NOTES
2.67
67.9
0.63
15.9
0.50
12.7
0.20
5.1
W07
0.15
3.8
W11
NOTES:
DRAWING SHOWS ONLY TS (2 POLE) CONFIGURATION, TRS (3 POLE) ALSO AVAILABLE.
1.
IP RATING: IP66, SEALED WHEN MATED.
2.
HANDLE MATERIAL: NYLON AND RUBBER.
3.
USE THE FOLLOWING TABLE TO DETERMINE THE SUITABLE HANDLE FOR A SPECIFIC CABLE:
4.
USE THE FOLLOWING TABLE TO DETERMINE THE SUITABLE HEX NUT AND WASHER, FOR A SPECIFIC PANEL THICKNESS:
5.
MAKE SURE THAT THE PLUG IS TIGHTENED ALL THE WAY INTO THE
6.
HANDLE TO GUARANTEE PROPER SEAL, MOUNTING THE PLUG MAY REQUIRE
EXTRA FORCE TO OVERCOME THE RUBBER EDGE INTERFERENCE.
RECOMMENDED WORKING TEMPERATURE:
7.
-20 TO 50 C
THIS PRODUCT IS RoHS COMPLIANT.
8.
RECOMMENDED MOUNTING
HOLE DIMENSIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com