Electronic Components Datasheet Search
  English  ▼

X  

B240 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # B240
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

B240 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  B240 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited B240 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
B240
B250
B260
B2
B5
B6
Maximum recurrent peak reverse voltage
V
RRM
40
50
60
V
Maximum RMS voltage
VRWS
28
35
42
V
Maximum DC blocking voltage
VDC
40
50
60
V
Maximum average forw ord rectified current at
c T
L(SEE FIG.1) (NOTE 2)
I(AV)
A
Peak forw ard surge current 8.3ms single half-
c sine-w ave superimposed on rated load(JEDEC
c Method)
IFSM
A
Maximum instantaneous forw ard voltage at
v 2.0A(NOTE.1)
VF
V
Maximum DC reverse current @T
A=25
oC
at rated DC blockjing voltage(NOTE1) @T
A=100
oC
Operating junction and storagetemperature range
TSTG
oC
Storage temperature range
TJ
oC
0.5
I
R
NOTE: 1.Pulse test:300μS pulse width,1%duty cy cle
B220 --- B260
2. P.C.B.mounted with 0.55"X0.55"(14.0X14.0mm2)copper pad areas
REVERSE VOLTAGE: 20 --- 60 V
CURRENT: 2.0 A
◇ Built-in strain relief
◇ Case:JEDEC DO-214AA,molded plastic over
1111passivated chip
Dev ice marking code
◇ Low power loss,high effciency
◇ Plastic package has Underwriters Laborator
111 Flammability Classification 94V-0
Typical thermal resitance (NOTE2)
oC/W
B230
◇ High temperature soldering guaranteed:250
oC/10 1
11 seconds at terminals
B220
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.003 ounces, 0.093 gram
mA
UNITS
20
DO - 214AA(SMB)
◇ Low profile package
◇ For surface mounted applications
30
14
21
20
◇ Terminals:Solder Plated, solderable per MIL-STD-750,
1111Method 2026
◇ High current capability,low forward voltage drop
30
50.0
2.0
◇ For use in low voltage high frequency inverters,free
111 wheeling and polarity protection applications
◇ Guardring for overvoltage protection
B3
GALAXY ELECTRICAL
-55--- +150
-55--- +150
-55--- +150
0.5
0.7
20
◇ Metal silicon junction, majority carrier conduction
◇ High surge capability
www.galaxycn.com
BL
Document Number 0281017
BLGALAXY ELECTRICAL
1.
inch(mm)
BARRIER RECTIFIERS
SURFACE MOUNT SCHOTTKY
B4
15.0
R
θJL


Similar Part No. - B240

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B240 DIODES-B240 Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Fuji Electric
B240 FUJI-B240 Datasheet
668Kb / 1P
2 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B240 WEITRON-B240 Datasheet
168Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
B240 TAYCHIPST-B240 Datasheet
1Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
B240 LUGUANG-B240 Datasheet
184Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B240

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com