Electronic Components Datasheet Search
  English  ▼

X  

419 Datasheet(PDF) 1 Page - Dormer Pramet

Part # 419
Description  Flute geometry
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DORMER [Dormer Pramet]
Direct Link  https://www.dormerpramet.com/
Logo DORMER - Dormer Pramet

419 Datasheet(HTML) 1 Page - Dormer Pramet

  419 Datasheet HTML 1Page - Dormer Pramet  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flute geometry
Standard helix, right hand spiral, wider flutes
Point angle
1.0mm - 1.9mm (inc) 4 facet point
2.0mm - 13.0mm (inc) 118deg special point geometry (Dormer P.S. point)
Giving greater positional accuracy
Surface treatment
1.0mm - 1.9mm (inc bright finish)
2.00mm - 13.0mm (inc) bright body, TiN coating on working part of tool
Application
General purpose engineering drills
356600
Set
no.
No.
of
drills
Contents
Order code
Price
each
419
19
1.0 - 10.0mm x
0.5mm
No Order Code
413
13
1.5 - 6.5mm x
0.5mm
+ 3.3mm +
4.2mm
137-5809


Similar Part No. - 419

ManufacturerPart #DatasheetDescription
logo
Littelfuse
419 LITTELFUSE-419 Datasheet
65Kb / 2P
SURFACE MOUNT FUSES
logo
Mill-Max Mfg. Corp.
419 MILL-MAX-419 Datasheet
244Kb / 1P
SPRING-LOADED CONNECTORS 2,54 Grid Target Connectors for Spring-Loaded Assemblies Double Row
logo
Adafruit Industries
419 ADAFRUIT-419 Datasheet
125Kb / 1P
Membrane 3x4 Matrix Keypad extras 3x4
9-22-22
logo
Keystone Electronics Co...
419 KEYSTONE-419 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Walther-Werke
419 WALTHER-419 Datasheet
437Kb / 4P
Channel installation sockets IP 44
More results

Similar Description - 419

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N1893 SEMICOA-2N1893 Datasheet
67Kb / 2P
Type 2N1893 Geometry 4500 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
Type 2N2857 Geometry 0011 Polarity NPN
2N2907A SEMICOA-2N2907A Datasheet
45Kb / 2P
Type 2N2907A Geometry 0600 Polarity PNP
2N3019 SEMICOA-2N3019 Datasheet
45Kb / 2P
Type 2N3019 Geometry 4500 Polarity NPN
2N3485A SEMICOA-2N3485A Datasheet
45Kb / 2P
Type 2N3485A Geometry 0600 Polarity PNP
2N3500 SEMICOA-2N3500 Datasheet
45Kb / 2P
Type 2N3500 Geometry 5620 Polarity NPN
2N3507L SEMICOA-2N3507L Datasheet
45Kb / 2P
Type 2N3507L Geometry 1506 Polarity NPN
2N3960 SEMICOA-2N3960 Datasheet
43Kb / 2P
Type 2N3960 Geometry 0003 Polarity NPN
logo
New Jersey Semi-Conduct...
2N4999 NJSEMI-2N4999 Datasheet
151Kb / 1P
DISCRETE EMITTER GEOMETRY
logo
List of Unclassifed Man...
PLP5-2-250 ETC2-PLP5-2-250 Datasheet
398Kb / 1P
Dual-Lens Geometry
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com