Electronic Components Datasheet Search
  English  ▼

X  

7316 Datasheet(PDF) 1 Page - Littelfuse

Part # 7316
Description  Shock-Safe Fuse Holders for 2AG Fuses
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

7316 Datasheet(HTML) 1 Page - Littelfuse

  7316 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fuse Holder Datasheet
© 2023 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 02/08/23
1
245 Series
Shock-Safe Fuse Holders for 2AG Fuses
RoHS Pb
Ordering Information
Ordering Number
Catalog Number
Type of Terminal
Packaging
02450001H
245001
Solder/Q.C. Terminal
Bulk 100 pieces
02450001X
245001
Solder/Q.C. Terminal
Bulk 100 pieces
02450002H
245002
NEMA Q.C. Terminal
Bulk 100 pieces
02450002X
245002
NEMA Q.C. Terminal
Bulk 100 pieces
Compatible
Fuse Size
225 Series, 229 Series, 2200029 Series
Features
Screwdriver slot knob style provides low profile
Shock-safe design reduces possibility of electrical shock.
Electrical
Rated at 10 amperes for any voltage up to 300 volts.
Insulation Resistance: 10,000 megohm minimum at
500 VDC.
Contact Resistance: Less than .005 ohm average at
currents up to 1 ampere.
Dielectric
Strength
4000 volts terminal to panel, 3000 volts terminal to
terminal.
Mounting: Withstands 10 lb.-in. mounting torque.
Maximum panel thickness is 250”.
Molded Parts
Body, knob, and hex nut material: Black, glass reinforced
thermoplastic.
Knob
Screwdriver slot, fuse extractor type with nickel-plated,
beryllium copper insert. Stainless steel spring.
Terminals
Brass. Tin-plated. Solder/Q.C. Terminals accept soldered
wire or a .110” quick-connect receptacle. The NEMA-style
.110” Q.C. terminal has a .048” hole.
Ambient
Temperature*
–40ºC to +85ºC.
Ingress
Protection
IP40 : Protected from solid objects greater than 1
millimeter. Not protected from liquids.
Product Characteristics
Dimensions
.93" REF.
.46" REF.
.55" DIA.
+.005"
- .000"
.390"
.066"
SOLDER TERMINAL
PART NO. 245001
NEMA Q.C. TERMINAL
PART NO. 245002
.048" DIA.
.126"
.020"
.110"
.77" REF.
+.005"
- .000"
.438"
.63" DIA.
(NUT DIA)
.38"
.51"
Agency
Agency File Number
E14721
7316
Agency Approvals
Note: Part number 02450002 can be supplied with lockwasher or neoprene washer, or both.
Add to the end of part number a “L” for lockwasher and “N” for neophrene washer or “LN” for both.
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse products are
not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at: www.littelfuse.com/disclaimer-electronics.
* - Refer to Fuseology for information on proper fuseholder re-rating.
Resources
Accessories
Samples
Additional Information


Similar Part No. - 7316

ManufacturerPart #DatasheetDescription
logo
V-COIL THREAD SYSTEM
7316 V-COIL-7316 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Keystone Electronics Co...
7316 KEYSTONE-7316 Datasheet
558Kb / 1P
TERMINAL LUGS
31-07 20th
logo
Littelfuse
7316 LITTELFUSE-7316 Datasheet
1Mb / 3P
Panel Mount Enclosed Fuse Holders
02/13/23
logo
Edgecore Networks Corpo...
7316-26XB-O-48V-F EDGE-CORE-7316-26XB-O-48V-F Datasheet
2Mb / 4P
AS7316-26XB
7316-26XB-O-AC-F-EU EDGE-CORE-7316-26XB-O-AC-F-EU Datasheet
2Mb / 4P
AS7316-26XB
More results

Similar Description - 7316

ManufacturerPart #DatasheetDescription
logo
Littelfuse
3452LS1LNNP LITTELFUSE-3452LS1LNNP Datasheet
112Kb / 2P
3AG, 5 x 20mm, or 2AG Fuses International Shock-Safe
LPHV LITTELFUSE-LPHV Datasheet
441Kb / 1P
LPHV POWR-SAFE FUSE HOLDERS
logo
Cooper Bussmann, Inc.
H15-V-1 COOPER-H15-V-1 Datasheet
375Kb / 2P
PCB fuse holders for 5x20mm fuses
RS20H COOPER-RS20H Datasheet
1Mb / 8P
Finger-safe Fuse Holders for BS88 HRC Industrial Fuses
logo
Littelfuse
345 LITTELFUSE-345 Datasheet
779Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
LFPXV0001Z LITTELFUSE-LFPXV0001Z Datasheet
351Kb / 2P
LFPXV TOUCH-SAFE FUSE HOLDERS
Rev: 1-B-072919
03453LS7HXLNP LITTELFUSE-03453LS7HXLNP_V01 Datasheet
658Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
245 LITTELFUSE-245 Datasheet
497Kb / 1P
245 Series Shock-Safe Fuse Holders for 2AG Fuses
Revised: 06/21/18
6010000000 LITTELFUSE-6010000000 Datasheet
648Kb / 1P
601/602 Series Shock-Safe Panel Mount Fuse Holder for 5횞20mm Fuses
Revised: 12/19/13
LPHV0001Z LITTELFUSE-LPHV0001Z Datasheet
183Kb / 1P
LPHV POWR-SAFE FUSE HOLDERS
Rev: 101521
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com