Electronic Components Datasheet Search
  English  ▼

X  

W144 Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # W144
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W144 Datasheet(HTML) 7 Page - SpectraLinear Inc

Back Button W144 Datasheet HTML 3Page - SpectraLinear Inc W144 Datasheet HTML 4Page - SpectraLinear Inc W144 Datasheet HTML 5Page - SpectraLinear Inc W144 Datasheet HTML 6Page - SpectraLinear Inc W144 Datasheet HTML 7Page - SpectraLinear Inc W144 Datasheet HTML 8Page - SpectraLinear Inc W144 Datasheet HTML 9Page - SpectraLinear Inc W144 Datasheet HTML 10Page - SpectraLinear Inc W144 Datasheet HTML 11Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
W144
Rev 1.0, November 21, 2006
Page 7 of 13
Data Byte 2
7–
–
(Reserved)
–
–
0
6
7
PCI_F
Clock Output Disable
Low
Active
1
5
–
–
(Reserved)
–
–
0
4
13
PCI5
Clock Output Disable
Low
Active
1
3
12
PCI4
Clock Output Disable
Low
Active
1
2
11
PCI3
Clock Output Disable
Low
Active
1
1
10
PCI2
Clock Output Disable
Low
Active
1
0
8
PCI1
Clock Output Disable
Low
Active
1
Data Byte 3
7–
–
(Reserved)
–
–
0
6–
–
(Reserved)
–
–
0
5
26
48MHz
Clock Output Disable
Low
Active
1
4
25
24MHz
Clock Output Disable
Low
Active
1
3–
–
(Reserved)
–
–
0
2
21, 20,
18, 17
SDRAM8:11
Clock Output Disable
Low
Active
1
1
32, 31,
29, 28
SDRAM4:7
Clock Output Disable
Low
Active
1
0
38, 37,
35, 34
SDRAM0:3
Clock Output Disable
Low
Active
1
Data Byte 4
7–
–
(Reserved)
–
–
0
6–
–
(Reserved)
–
–
0
5–
–
(Reserved)
–
–
0
4–
–
(Reserved)
–
–
0
3–
–
(Reserved)
–
–
0
2–
–
(Reserved)
–
–
0
1–
–
(Reserved)
–
–
0
0–
–
(Reserved)
–
–
0
Data Byte 5
7–
–
(Reserved)
–
–
0
6–
–
(Reserved)
–
–
0
5–
–
(Reserved)
–
–
0
4
47
IOAPIC
Clock Output Disable
Low
Active
1
3–
–
(Reserved)
–
–
0
2–
–
(Reserved)
–
–
0
1
46
REF1
Clock Output Disable
Low
Active
1
0
2
REF0
Clock Output Disable
Low
Active
1
Data Byte 6
7–
–
(Reserved)
–
–
0
6–
–
(Reserved)
–
–
0
5–
–
(Reserved)
–
–
0
4–
–
(Reserved)
–
–
0
3–
–
(Reserved)
–
–
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com