Electronic Components Datasheet Search
  English  ▼

X  

W150 Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # W150
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W150 Datasheet(HTML) 7 Page - SpectraLinear Inc

Back Button W150 Datasheet HTML 3Page - SpectraLinear Inc W150 Datasheet HTML 4Page - SpectraLinear Inc W150 Datasheet HTML 5Page - SpectraLinear Inc W150 Datasheet HTML 6Page - SpectraLinear Inc W150 Datasheet HTML 7Page - SpectraLinear Inc W150 Datasheet HTML 8Page - SpectraLinear Inc W150 Datasheet HTML 9Page - SpectraLinear Inc W150 Datasheet HTML 10Page - SpectraLinear Inc W150 Datasheet HTML 11Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
W150
Rev 1.0, November 24, 2006
Page 7 of 14
4
14
PCI4
Clock Output Disable
Low
Active
1
3
13
PCI3
Clock Output Disable
Low
Active
1
2
12
PCI2
Clock Output Disable
Low
Active
1
1
11
PCI1
Clock Output Disable
Low
Active
1
0
9
PCI0
Clock Output Disable
Low
Active
1
Data Byte 3
7–
–
(Reserved)
–
–
0
6–
–
(Reserved)
–
–
0
5
29
48MHz
Clock Output Disable
Low
Active
1
4
30
24MHz
Clock Output Disable
Low
Active
1
3
33, 32,
25, 24
SDRAM12:15 Clock Output Disable
Low
Active
1
2
22, 21,
19, 18
SDRAM8:11
Clock Output Disable
Low
Active
1
1
39, 38,
36, 35
SDRAM4:7
Clock Output Disable
Low
Active
1
0
44, 43,
41, 40
SDRAM0:3
Clock Output Disable
Low
Active
1
Data Byte 4
7–
–
(Reserved)
–
–
0
6–
–
(Reserved)
–
–
0
5–
–
(Reserved)
–
–
0
4–
–
(Reserved)
–
–
0
3–
–
(Reserved)
–
–
0
2–
–
(Reserved)
–
–
0
1–
–
(Reserved)
–
–
0
0–
–
(Reserved)
–
–
0
Data Byte 5
7–
–
(Reserved)
–
–
0
6–
–
(Reserved)
–
–
0
5
54
IOAPIC_F
Disabled
Low
Active
1
4
55
IOAPICO
Disabled
Low
Active
1
3–
–
(Reserved)
–
–
0
2–
–
(Reserved)
–
–
0
1
2
REF1
Clock Output Disable
Low
Active
1
0
3
REF0
Clock Output Disable
Low
Active
1
Table 5. Data Bytes 0–5 Serial Configuration Map (continued)
Bit(s)
Affected Pin
Control Function
Bit Control
Default
Pin No.
Pin Name
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com