Electronic Components Datasheet Search
  English  ▼

X  

ABD Datasheet(PDF) 13 Page - Keysight Technologies

Part # ABD
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

ABD Datasheet(HTML) 13 Page - Keysight Technologies

Back Button ABD Datasheet HTML 9Page - Keysight Technologies ABD Datasheet HTML 10Page - Keysight Technologies ABD Datasheet HTML 11Page - Keysight Technologies ABD Datasheet HTML 12Page - Keysight Technologies ABD Datasheet HTML 13Page - Keysight Technologies ABD Datasheet HTML 14Page - Keysight Technologies ABD Datasheet HTML 15Page - Keysight Technologies ABD Datasheet HTML 16Page - Keysight Technologies ABD Datasheet HTML 17Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Normal Mode
Range1
Zero set (internal)
Zero set (external)
Zero drift2
Measurement noise3
Noise per
sample4
U2000/1/2A
–38 to –15 dBm
–20 to –6.5 dBm
–7.5 to –2 dBm
–4 to 15 dBm
10 to 20 dBm
47 nW
530 nW
30 µW
32 µW
270 µW
43 nW
480 nW
27 µW
30 µW
200 µW
25 nW
230 nW
19 µW
24 µW
110 µW
28 nW
300 nW
20 µW
21 µW
180 µW
90 nW
1 µW
55 µW
85 µW
550 µW
U2000/1/2H
–28 to –5 dBm
–10 to 3.5 dBm
–2.5 to 8 dBm
8 to 25 dBm
20 to 30 dBm
730 nW
5.3 µW
330 µW
440 µW
3.9 µW
500 nW
4.8 µW
270 µW
300 µW
2.8 mW
300 nW
3 µW
190 µW
300 µW
1.1 mW
310 nW
5 µW
230 µW
260 µW
2.8 mW
900 nW
10 µW
550 µW
850 µW
5.5 mW
U2000/1B
–8 to 15 dBm
10 to 23.5 dBm
22.5 to 28 dBm
26 to 44 dBm
47 nW
530 nW
30 µW
32 µW
43 µW
480 µW
27 mW
34 mW
25 µW
230 µW
19 mW
24 mW
28 µW
300 µW
20 mW
21 mW
90 µW
1 mW
55 mW
85 mW
1. Condition: (i) 0 to 55 °C and (ii) 95% relative humidity at 40 °C non-condensing.
2. Within one hour after zero set, at a constant temperature, after a 24-hour warm-up of the power sensor.
3. The number of averages at 1 for
Normal speed, gate length of 2.27 ms, measured over one minute interval and two standard deviations.
4. The Noise Per Sample specification is only applicable for gated power working range stated in the “Normal Mode Key Specifications and
Characteristics” table.
Specifications (continued)
13 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com