Electronic Components Datasheet Search
  English  ▼

X  

ABF Datasheet(PDF) 17 Page - Keysight Technologies

Part # ABF
Description  U2000 Series USB Power Sensors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

ABF Datasheet(HTML) 17 Page - Keysight Technologies

Back Button ABF Datasheet HTML 13Page - Keysight Technologies ABF Datasheet HTML 14Page - Keysight Technologies ABF Datasheet HTML 15Page - Keysight Technologies ABF Datasheet HTML 16Page - Keysight Technologies ABF Datasheet HTML 17Page - Keysight Technologies ABF Datasheet HTML 18Page - Keysight Technologies ABF Datasheet HTML 19Page - Keysight Technologies ABF Datasheet HTML 20Page - Keysight Technologies ABF Datasheet HTML 21Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Specifications (continued)
Trigger
Internal trigger
Resolution
0.1 dB
Level accuracy
± 1 dB
Jitter
± 1 µs
External TTL trigger input
Impedance
50 Ω or 1 kΩ1
Trigger low
< 1.1 V
Trigger high
> 1.9 V
Minimum trigger pulse width
35 ns
Minimum trigger repetition period
80 ns
Trigger latency
11 µs ± 2 µs
Trigger delay
Range
–0.15 to + 0.15 s
Resolution
1 µs
Trigger hold-off
Range
1 µs to 400 ms
Resolution
1 µs
Trigger hysteresis
Range
0 to +3 dB
Resolution
0.1 dB
Normal Mode key specifications and characteristics
Parameters2
Performance
Maximum video bandwidth
40 kHz
Minimum rise time
40 µs
Minimum fall time
40 µs
Range settling time
150 µs
Minimum pulse width
200 µs
Sampling rate
1.47 Msps
Maximum capture length
150 ms
Maximum pulse repetition rate
150 kHz
Dynamic range
U2000/1/2A: –30 to +20 dBm
U2000/1/2H: –10 to +30 dBm
U2000/1B: 0 to +44 dBm
1. This is only available for option U2001A-H16
2. Not applicable for U2004A
17 | Keysight | U2000 Series USB Power Sensors - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com