Electronic Components Datasheet Search
  English  ▼

X  

900 Datasheet(PDF) 13 Page - Keysight Technologies

Part # 900
Description  N6700 Modular Power System Family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

900 Datasheet(HTML) 13 Page - Keysight Technologies

Back Button 900 Datasheet HTML 9Page - Keysight Technologies 900 Datasheet HTML 10Page - Keysight Technologies 900 Datasheet HTML 11Page - Keysight Technologies 900 Datasheet HTML 12Page - Keysight Technologies 900 Datasheet HTML 13Page - Keysight Technologies 900 Datasheet HTML 14Page - Keysight Technologies 900 Datasheet HTML 15Page - Keysight Technologies 900 Datasheet HTML 16Page - Keysight Technologies 900 Datasheet HTML 17Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Ordering Information, continued
Modules
Order 1 to 4 modules to be installed in each
N6700C, N6701C or N6702C mainframe.
(To order modules as part of the N6710C,
N6711C or N6712C build-to-order systems,
see page 15). If the sum of the power of
the modules exceeds the available output
power rating on the mainframe, see page
3 for an explanation of Keysight’s power
management capability.
You can individually specify each option
for each module. For example, you can
order one module with Option 761 Output
Disconnect Relays while the remaining
modules have no relay options.
As your needs change and you want
to change configuration or add more
modules to existing N6700C, N6701C or
N6702C mainframes, use this ordering
information to order the required modules.
Modules
N6730 50 W
DC power modules
N6731B
5 V, 10 A, 50 W DC power module
N6732B
8 V, 6.25 A, 50 W DC power module
N6733B
20 V, 2.5 A, 50 W DC power module
N6734B
35 V, 1.5 A, 50 W DC power module
N6735B
60 V, 0.8 A, 50 W DC power module
N6736B
100 V, 0.5 A, 50 W DC power module
N6740 100 W
DC power modules
N6741B
5 V, 20 A, 100 W DC power module
N6742B
8 V, 12.5 A, 100 W DC power module
N6743B
20 V, 5 A, 100 W DC power module
N6744B
35 V, 3 A, 100 W DC power module
N6745B
60 V, 1.6 A, 100 W DC power module
N6750 high-
performance,
auto-ranging
DC power modules
N6751A
50 V, 5 A, 50 W high-performance autoranging
DC power module
N6752A
50 V, 10 A, 100 W high-performance autoranging
DC power module
N6753A
20 V, 50 A, 300 W high-performance autoranging
DC power module (occupies 2 of 4 mainframe slots)
N6754A
60 V, 20 A, 300 W high-performance autoranging
DC power module (occupies 2 of 4 mainframe slots)
N6755A
20 V, 50 A, 500 W high-performance autoranging
DC power module (occupies 2 of 4 mainframe slots)
N6756A
60 V, 17 A, 500 W high-performance autoranging
DC power module (occupies 2 of 4 mainframe slots)
N6760 precision
DC power modules
N6761A
50 V, 1.5 A, 50 W precision DC power module
N6762A
50 V, 3 A, 100 W precision DC power module
N6763A
20 V, 50 A, 300 W precision DC power module
(occupies 2 of 4 mainframe slots)
N6764A
60 V, 20 A, 300 W precision DC power module
(occupies 2 of 4 mainframe slots)
N6765A
20 V, 50 A, 500 W precision DC power module
(occupies 2 of 4 mainframe slots)
N6766A
60 V, 17 A, 500 W precision DC power module
(occupies 2 of 4 mainframe slots)
N6770 300 W
DC power modules
N6773A
20 V, 15 A, 300 W DC power module
N6774A
35 V, 8.5 A, 300 W DC power module
N6775A
60 V, 5 A, 300 W DC power module
N6776A
100 V, 3 A, 300 W DC power module
N6777A
150 V, 2 A, 300 W DC power module
N6780 ~80 W
application-specific
modules
N6781A
20 V, ± 3 A, 20 W source/measure unit
N6782A
20 V, ± 3 A, 20 W source/measure unit
N6783A-BAT
8 V, 3 A, 24 W battery charge/discharge module
N6783A-MFG
6 V, 3 A, 18 W mobile communications module
N6784A
± 20 V, ± 3 A, 20 W source/measure unit
N6785A
20 V, +/-8 A, 80 W source/measure unit
N6786A
20 V, +/-8 A, 80 W source/measure unit
13 | Keysight | N6700 Modular Power System Family - Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com