Electronic Components Datasheet Search
  English  ▼

X  

8181237 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8181237
Description  Pressure sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8181237 Datasheet(HTML) 1 Page - Festo Corporation.

  8181237 Datasheet HTML 1Page - Festo Corporation. 8181237 Datasheet HTML 2Page - Festo Corporation. 8181237 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pressure sensor
SPAF-P10R-G18M-L-PNLK-VB-M12
Part number: 8181237
General operating condition
Data sheet
Feature
Value
Symbol
00997545
Certification
RCM compliance mark
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Note on materials
RoHS-compliant
Measured variable
Relative pressure
Method of measurement
Piezoresistive pressure sensor
Pressure measuring range initial value
0 MPa
Pressure measuring range initial value
0 bar
Pressure measuring range initial value
0 psi
Pressure measuring range end value
1 MPa
Pressure measuring range end value
10 bar
Pressure measuring range end value
145 psi
Overload pressure
1.5 MPa
Overload pressure
15 bar
Overload pressure
217.5 psi
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Inert gas
Information on operating and pilot media
Ester oil < 0.1mg/m³, according to ISO 8573-1:2010 [-:-:2]
Operation with oil lubrication possible
Temperature of medium
0 °C ... 50 °C
Ambient temperature
0 °C ... 50 °C
Accuracy in ± % FS
1.5 %FS
Repetition accuracy in ± %FS
0.3 %FS
Temperature co-efficient in ± %FS/K
0.05 %FS/K
Switching output
PNP/NPN switchable
Switching function
Window comparator
Threshold value comparator
Threshold value with variable hysteresis
Switching element function
N/C contact/N/O contact switchable
On time
3 ms
Switch-off time
3 ms
Max. output current
100 mA
Analog output
0 - 10 V
1 - 5 V
1/21/26 - Subject to change - Festo SE & Co. KG
1/3


Similar Part No. - 8181237

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8181230 FESTO-8181230 Datasheet
90Kb / 3P
Pressure sensor
8181231 FESTO-8181231 Datasheet
90Kb / 3P
Pressure sensor
8181232 FESTO-8181232 Datasheet
90Kb / 3P
Pressure sensor
8181233 FESTO-8181233 Datasheet
90Kb / 3P
Pressure sensor
8181234 FESTO-8181234 Datasheet
90Kb / 3P
Pressure sensor
More results

Similar Description - 8181237

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
8114766 FESTO-8114766 Datasheet
86Kb / 2P
Pressure sensor
8114771 FESTO-8114771 Datasheet
78Kb / 2P
Pressure sensor
SDE5-D10-C3-Q6E-P-K FESTO-SDE5-D10-C3-Q6E-P-K Datasheet
79Kb / 2P
Pressure sensor
SDE5-D10-C-Q4E-P-M8 FESTO-SDE5-D10-C-Q4E-P-M8 Datasheet
81Kb / 2P
Pressure sensor
SDE5-D10-C-Q6E-P-M8 FESTO-SDE5-D10-C-Q6E-P-M8 Datasheet
82Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-K FESTO-SDE5-D10-NF-Q6E-V-K Datasheet
93Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-M8 FESTO-SDE5-D10-NF-Q6E-V-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-D10-O-Q6E-P-M8 FESTO-SDE5-D10-O-Q6E-P-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-V1-NF-Q6-V-M8 FESTO-SDE5-V1-NF-Q6-V-M8 Datasheet
98Kb / 2P
Pressure sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com