Electronic Components Datasheet Search
  English  ▼

X  

BC640 Datasheet(PDF) 2 Page - Multicomp Pro

Part # BC640
Description  Low Power Bipolar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BC640 Datasheet(HTML) 2 Page - Multicomp Pro

  BC640 Datasheet HTML 1Page - Multicomp Pro BC640 Datasheet HTML 2Page - Multicomp Pro BC640 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
17/09/19
Low Power Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Electrical Characteristics (Ta = 25°C unless otherwise specified)
Description
Symbol
Test Condition
TBC635
Units
Collector-Emitter Voltage
VCEO*
IC = 10mA, IB = 0
>80
V
Collector-Base Voltage
VCBO
IC = 100µA, IE = 0
Emitter-Base Voltage
VEBO
IE = 10µA, IC = 0
>5
Collector Cut off Current
ICBO
VCB = 30V, IE = 0
Ta = 125°C
VCB = 30V, IE = 0
<100
<10
nA
µA
Base Emitter On Voltage
VBE (on)*
IC = 500mA, VCE = 2V
<1
V
Collector Emitter Saturation Voltage
VCE (sat)*
IC = 500mA, IB = 50mA
<0.5
DC Current Gain
hFE*
IC = 5mA, VCE = 2V
IC = 150mA, VCE = 2V
Group-10
Group-16
IC = 500mA, VCE = 2V
>25
-
40 - 160
63 - 160
100 - 250
>25
Dynamic Characteristics
Transistors Frequency
fT
IC = 50mA, VCE = 2V,
f = 100MHz
200 (Typical)
MHz
Output Capacitance
Cob
VCB = 10V, f = 1MHz
7 (Typical)
pF
Input Capacitance
Cib
VBE = 0.5V, IC = 0,
f = 1MHz
50 (Typical)
*Pulse Test : Pulse Width = 300μs, Duty Cycle = 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com