Electronic Components Datasheet Search
  English  ▼

X  

LX803MBAP Datasheet(PDF) 7 Page - Littelfuse

Part # LX803MBAP
Description  EV Series 0.8 A Sensitive TRIACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LX803MBAP Datasheet(HTML) 7 Page - Littelfuse

  LX803MBAP Datasheet HTML 1Page - Littelfuse LX803MBAP Datasheet HTML 2Page - Littelfuse LX803MBAP Datasheet HTML 3Page - Littelfuse LX803MBAP Datasheet HTML 4Page - Littelfuse LX803MBAP Datasheet HTML 5Page - Littelfuse LX803MBAP Datasheet HTML 6Page - Littelfuse LX803MBAP Datasheet HTML 7Page - Littelfuse LX803MBAP Datasheet HTML 8Page - Littelfuse LX803MBAP Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
© 2026 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: TK.01/07/2026
LX8
Thyristor Datasheet
Package Dimensions SOT-89
TO-92 (3-lead) Reel Pack (RP) Radial Leaded Specifications
Meets all EIA-468-C Standards
F
G
A
J
D
B
E
C
H
g
a
fd
b
c
e
Tc Measuring Point
MT2
MT1
MT2
Gate
3 x b
.064
(1.63)
.154
(3.91)
.036
(0.91)
.044
(1.12)
.047
(1.19)
.087
(2.21)
.064
(1.63)
Dimensions in Millimeters (Inches)
Pad Layout for SOT-89
0.708
(18.0)
1.6
(41.0)
0.5
(12.7)
0.1 (2.54)
0.2 (5.08)
0.236
(6.0)
0.02 (0.5)
Direction of Feed
Dimensions
are in inches
(and millimeters).
1.97
(50.0)
14.17(360.0)
Flat up
1.26
(32.0)
0.098 (2.5) MAX
MT1
MT2
Gate
0.354
(9.0)
0.157 DIA
(4.0)
Symbol
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max
A
4.40
–
4.60
0.173
–
0.181
b
0.66
–
0.84
0.026
–
0.033
B
2.29
–
2.60
0.090
–
0.102
C
1.40
–
1.60
0.055
–
0.063
D
3.94
–
4.25
0.155
–
0.167
E
0.81
–
1.20
0.032
–
0.047
F
–
1.5
–
–
0.059
–
G
–
3
–
–
0.118
–
H
0.35
–
0.44
0.014
–
0.017
I
0.36
–
0.48
0.014
–
0.019
J
–
1.65
–
–
0.065
–



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com