Electronic Components Datasheet Search
  English  ▼

X  

W256HT Datasheet(PDF) 6 Page - SpectraLinear Inc

Part # W256HT
Description  12 Output Buffer for 2 DDR and 3 SRAM DIMMS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W256HT Datasheet(HTML) 6 Page - SpectraLinear Inc

  W256HT Datasheet HTML 1Page - SpectraLinear Inc W256HT Datasheet HTML 2Page - SpectraLinear Inc W256HT Datasheet HTML 3Page - SpectraLinear Inc W256HT Datasheet HTML 4Page - SpectraLinear Inc W256HT Datasheet HTML 5Page - SpectraLinear Inc W256HT Datasheet HTML 6Page - SpectraLinear Inc W256HT Datasheet HTML 7Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
W256
Rev 1.0, November 25, 2006
Page 6 of 7
Figure 1 shows the differential clock directly terminated by a
120
resistor.
Layout Example Single Voltage
)
)
RT =120
Receiver
60
60
VCC
VCC
Device
Under
Test
Figure 1. Differential Signal Using Direct Termination Resistor
Out
Out
VTR
VCP
FB
+3.3V Supply or 2.5V Supply
C2
10 F
0.005 F
G
G
VDD
C1
28
27
26
25
24
23
22
21
20
18
1
2
3
4
5
6
7
8
9
10
11
12
13
14
19
17
16
15
G = VIA to GND plane layer
V =VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
Cermaic Caps C1 = 10–22 µF
C2 = 0.005 µF
FB = Dale ILB1206 – 300 (300
@ 100 MHz)
All bypass caps = 0.1 F ceramic
G
V
G
V
G
V
G
V
G
V
G
G
G
G
G
G
G
G
G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com