Electronic Components Datasheet Search
  English  ▼

X  

4906 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 4906
Description  PC QUICK-FIT MALE TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

4906 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  4906 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAT. NO.
MATERIAL
MTG. HOLES
4905*
.020 (.50) Brass, Tin Plate
.046 (1.2) Dia.
4909*
.032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
CAT. NO.
MATERIAL
MTG. HOLES
1286-ST .020 (.50) Brass, Tin Plate
.046 (1.2) Dia.
1213-ST .032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
CAT. NO.
MATERIAL
MTG. HOLES
1286
.020 (.50) Brass, Tin Plate
.046 (1.2) Dia.
1213
.032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
CAT. NO.
MATERIAL
MTG. HOLES
4900
.020 (.50) Brass, Tin Plate
.043 (1.1) Dia.
CAT. NO.
MATERIAL
MTG. HOLE
1267
.020 (.50) Brass, Tin Plate
.046 (1.2) Dia.
1211
.032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
Underwriters Laboratories, Inc.
Recognized Component Program —
UL File Number E201546
UL file number E201546 has been assigned to
Keystone Electronics’ “Quick-Fit” terminals
(Refer to pages 52-54) indicating recognition by
Underwriters Laboratories Inc. that they are in compliance
with their component program.
Underwriters Laboratories Inc. component program
assures that “Quick-Fit” terminals meet the dimensional
and performance requirements of the National Electrical
Manufacturers Association specification number
NEMA2-1982-(1988) and UL310.
52
PC QUICK-FIT MALE TERMINALS
CAT. NO.
MATERIAL
MTG. HOLES
4903
.020 (.50) Brass, Tin Plate
.046 (1.2) Dia.
4906
.032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
CAT. NO.
MATERIAL
MTG. HOLES
4904
.020 (.50) Brass, Tin Plate
.046 (1.2) Dia.
4907
.032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
.187 (4.8) TAB
.187 (4.8) TAB
.187 (4.8) TAB
.110 (2.8) TAB
.205 (5.2) TAB
.205 (5.2) TAB
.187 (4.8) TAB
STURDI-MOUNT
STURDI-MOUNT
STURDI-MOUNT
.125 [3.2]
.205 [5.2]
.150 [3.8]
.500
[12.7]
.250 [6.4]
.200 [5.1]
.045 [1.14]
.050 [1.27]
.070 [1.80] DIA.
.140 [3.6]
.510
[13.0]
.050 [1.27]
.045 [1.14]
.200 [5.1]
.250 [6.4]
.205 [5.2]
.125 [3.2]
.120
[3.1]
REF.
.281 [7.15]
.070 [1.80] DIA.
.250 [6.4]
.570
[14.5]
.187 [4.8]
.256 [6.5]
.177 [4.5]
.040 [1.00]
.080 [2.1]
.416
[10.6]
.125 [3.2]
DIA.
.051 [1.30]
.187 [4.8]
.200 [5.1]
.150 [3.8]
.125 [3.2]
.050 [1.27]
.045 [1.14]
.055 [1.40] DIA.
.250 [6.4]
H
.156 [4.0]
.110 [2.8]
.062 [1.55]
.542
[13.8]
.280 [7.1]
.187 [4.8]
.050 [1.27]
.045 [1.14]
.048 [1.20] DIA.
.110 [2.8]
.285 [7.3]
.150 [3.8]
.057 [1.45]
.525 [13.4]
.048 [1.20]
DIA.
.045 [1.14]
.050 [1.27]
.200 [5.1]
.340 [8.7]
.187 [4.8]
.245 [6.2]
.150 [3.8]
.120 [3.1]
.560 [14.2]
.045 [1.14]
.050 [1.27]
.200 [5.1]
.055
[1.40]
DIA.
CAT. NO.
MATERIAL
MTG. HOLES
1285-ST
.020 (.50) Brass, Tin Plate
.046 (1.2) Dia.
1212-ST
.032 (.80) Brass, Tin Plate
.052 (1.3) Dia.
.205 (5.2) TAB
.205 [5.2]
.250 [6.4]
.150 [3.8]
.340 [8.7]
.560 [14.2]
.125 [3.2]
.200 [5.1]
.050 [1.27]
.045 [1.14]
.070 [1.80]
DIA.
.187 [4.8]
.120
[3.1]
REF.
.125 [3.2]
.200 [5.1]
.281 [7.15]
.140 [3.6]
.045 [1.14]
.050 [1.27]
.510
[13.0]
.055 [1.40] DIA.
.250 [6.4]
.110 (2.8) TAB
.110 (2.8) TAB
A
.187(4.8) TAB
CAT. NO.
ANGLE
CAT. NO
4915*
0°
4918*
4916*
30°
4919*
4917*
60°
4920*
.110 (2.8) & .187 (4.8) TAB
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
MATL
MTG.
CAT. NO.
H
THICK
HOLES
1285
.500 (12.7)
.020 (.50) .046 (1.2) Dia.
1212
.500 (12.7)
.032 (.80) .052 (1.3) Dia.
1216
.860 (21.8)
.032 (.80) .052 (1.3) Dia.
Material: Brass, Tin Plate
Material: .020 (.50) Brass, Tin Plate
Mtg Holes: .046 (1.2) Dia.
* Not UL Recognized
.04
8 [1
.2]
DIA
. HO
LE
.06
2 [1
.6]
.125 [3.2]
.220
[5.6]
.200 [5.1]
.040 [1.0]
TAB
.200
[5.1]
A°
.21
5
[5.5
]
M60Section3FREV1A4_11-2011 4/5/13 4:14PM Page52


Similar Part No. - 4906

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4906 BOURNS-4906 Datasheet
29Kb / 1P
Adjustable RF Inductors
logo
VBsemi Electronics Co.,...
4906 VBSEMI-4906 Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
logo
Bourns Electronic Solut...
4906-S BOURNS-4906-S Datasheet
29Kb / 1P
Adjustable RF Inductors
logo
Molex Electronics Ltd.
49063 MOLEX-49063 Datasheet
696Kb / 2P
0.30mm (.012?? Pitch FPC Connector 1.20mm (.047?? Height
49063-5167 MOLEX-49063-5167 Datasheet
696Kb / 2P
0.30mm (.012?? Pitch FPC Connector 1.20mm (.047?? Height
More results

Similar Description - 4906

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7816 ETC2-7816 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
PC SCREW TERMINALS
8190-3 ETC2-8190-3 Datasheet
545Kb / 1P
PC SCREW TERMINALS
logo
Ningbo Tianbo Ganglian ...
HJQ-15F-3 TIANBO-HJQ-15F-3 Datasheet
1Mb / 3P
QC&PC terminals
logo
Keystone Electronics Co...
3528 KEYSTONE-3528 Datasheet
196Kb / 1P
.250 x .032 PC QUICK-FIT TERMINAL
7.21.91
3578 KEYSTONE-3578 Datasheet
88Kb / 1P
.187 x .020 PC QUICK-FIT TERMINAL
4.15.09
4966 KEYSTONE-4966 Datasheet
188Kb / 1P
PC QUICK-FIT TERMINAL
12.29.94
7833 KEYSTONE-7833 Datasheet
102Kb / 1P
.250 [6.35] PC QUICK-FIT HEADER
7.25.95
1287 KEYSTONE-1287 Datasheet
503Kb / 1P
250 (6.4) PC QUICK-FIT MALE TABS
7832 KEYSTONE-7832 Datasheet
98Kb / 1P
PC QUICK-FIT HEADER
REV, D
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com