Electronic Components Datasheet Search
  English  ▼

X  

LTC1069-1 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC1069-1
Description  Low Power, 8th Order Progressive Elliptic, Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices LTC1069-1 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LTC1069-1
10
10691fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 1996
LT 0309 REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
1
2
3
4
8
7
6
5
VOUT
V–
NC
CLK
AGND
V+
NC
VIN
0.1μF
0.1μF
5V
0V
5V
–5V
VIN
VOUT
LTC1069-1
fCLK
500kHz
fC = 5kHz
INPUT VOLTAGE (VRMS)
0.1
–85
–80
–75
–70
–65
–45
13
10691 TA03
–60
–55
–50
fIN = 1kHz
Dual Supply Operation
PART NUMBER
DESCRIPTION
COMMENTS
LTC1068
Very Low Noise, High Accuracy, Quad Universal Filter Building Block
User-Configurable, SSOP Package
LTC1069-6
Single Supply, Very Low Power, Elliptic LPF
50:1 fCLK/fC Ratio, 8-Pin SO Package
LTC1164-5
Low Power 8th Order Butterworth LPF
100:1 and 50:1 fCLK/fC Ratio
LTC1164-6
Low Power 8th Order Elliptic LPF
100:1 and 50:1 fCLK/fC Ratio
LTC1164-7
Low Power 8th Order Linear Phase LPF
100:1 and 50:1 fCLK/fC Ratio



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com