Electronic Components Datasheet Search
  English  ▼

X  

LTC1069-1 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC1069-1
Description  Single Supply, Very Low Power, Elliptic Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC1069-1 Datasheet HTML 2Page - Analog Devices LTC1069-1 Datasheet HTML 3Page - Analog Devices LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices LTC1069-1 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LTC1069-6
10
Rev. B
For more information www.analog.com
ANALOG DEVICES, INC. 2008-2021
05/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC1068
Very Low Noise, High Accuracy, Quad Universal Filter Building Block
User-Configurable, SSOP Package
LTC1069-1
Low Power, Progressive Elliptic LPF
fCLK/fC Ratio 100:1, 8-Pin SO Package
LTC1164-5
Low Power 8th Order Butterworth LPF
fCLK/fC Ratio 100:1 and 50:1
LTC1164-6
Low Power 8th Order Elliptic LPF
fCLK/fC Ratio 100:1 and 50:1
LTC1164-7
Low Power 8th Order Linear Phase LPF
fCLK/fC Ratio 100:1 and 50:1
1
2
3
4
8
7
6
5
VOUT
V–
NC
CLK
AGND
V+
NC
VIN
0.1µF
0.47µF
ON SHUTDOWN
5V
VIN
VOUT
1069-6 TA03
LTC1069-6
fCLK ≤
750kHz
5V
0V
1
2
3
4
8
7
6
5
VOUT
V–
NC
CLK
AGND
V+
NC
VIN
0.1µF
0.47µF
VIN
VOUT
1069-6 TA04
LTC1069-6
fCLK
500kHz
3.3V
0V
–
+
1/2 LT1366
3.3V
0.1µF
5
6
8
4
7
1
2
3
4
8
7
6
5
VOUT
V–
NC
CLK
AGND
V+
NC
VIN
0.1µF
1µF 3V
3V
10k
40.2k
1069-6 TA05
LTC1069-6
170kHz
5
6
2
3
7
8
–
+
1/2 LT1366
0.1µF
40.2k
1
4
–
+
1/2 LT1366
270pF
10k
Single 5V Operation with Power Shutdown
Single 3V Supply Operation with Output Buffer
Single 3V Supply Voice Band Lowpass Filter with Rail-to-Rail Input and Output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com