Electronic Components Datasheet Search
  English  ▼

X  

W311HT Datasheet(PDF) 13 Page - SpectraLinear Inc

Part # W311HT
Description  FTG for VIA??Pro-266 DDR Chipset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

W311HT Datasheet(HTML) 13 Page - SpectraLinear Inc

Back Button W311HT Datasheet HTML 9Page - SpectraLinear Inc W311HT Datasheet HTML 10Page - SpectraLinear Inc W311HT Datasheet HTML 11Page - SpectraLinear Inc W311HT Datasheet HTML 12Page - SpectraLinear Inc W311HT Datasheet HTML 13Page - SpectraLinear Inc W311HT Datasheet HTML 14Page - SpectraLinear Inc W311HT Datasheet HTML 15Page - SpectraLinear Inc W311HT Datasheet HTML 16Page - SpectraLinear Inc W311HT Datasheet HTML 17Page - SpectraLinear Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
W311
Rev 1.0, November 25, 2006
Page 13 of 18
How to Program CPU Output Frequency
When the programmable output frequency feature is enabled
(Pro_Freq_EN bit is set), the CPU output frequency is deter-
mined by the following equation:
Fcpu = G * (N+3)/(M+3)
“N” and “M” are the values programmed in Programmable
Frequency Select N-Value Register and M-Value Register,
respectively.
“G” stands for the PLL Gear Constant, which is determined by
the programmed value of FS[4:0] or SEL[4:0]. The value is
listed in
Table 5. The ratio of (N+3) and (M+3) need to be
greater than “1” [(N+3)/(M+3) > 1].
Table 7 lists set of N and M values for different frequency
output ranges.This example use a fixed value for the M-Value
Register and select the CPU output frequency by changing the
value of the N-Value Register.
FS_Override
When Pro_Freq_EN is cleared or disabled,
0 = Select operating frequency by FS input pins (default)
1 = Select operating frequency by SEL bits in SMBus control bytes
When Pro_Freq_EN is set or enabled,
0 = Frequency output ratio between CPU and other frequency groups and the PLL Gear Constant are
based on the latched value of FS input pins (default)
1 = Frequency output ratio between CPU and other frequency groups and the PLL Gear Constant are
based on the programmed value of SEL bits in SMBus control bytes
CPU_FSEL_N,
CPU_FSEL_M
ROCV_FREQ_SEL
When Prog_Freq_EN is set or enabled, the values programmed in CPU_FSEL_N[7:0] and
CPU_FSEL_M[6:0] determines the CPU output frequency. The new frequency will start to load
whenever there is an update to either CPU_FSEL_N[7:0] or CPU_FSEL_M[6:0]. Therefore, it is recom-
mended to use Word or Block write to update both registers within the same SMBus bus operation.
The setting of FS_Override bit determines the frequency ratio for CPU, AGP and PCI. When
FS_Override is cleared or disabled, the frequency ratio follows the latched value of the FS input pins.
When FS_Override is set or enabled, the frequency ratio follows the programmed value of SEL bits in
SMBus control bytes.
ROCV_FREQ_SEL determines the source of the recover frequency when a Watchdog Timer timeout
occurs. The clock generator will automatically switch to the recovery CPU frequency based on the
selection on ROCV_FREQ_SEL.
0 = From latched FS[4:0]
1 = From the settings of ROCV_FREQ_N[7:0] & ROCV_FREQ_M[6:0]
WD_PRE_SCALER
0 = 150 ms
1 = 2.5 sec
RST_EN_WD
This bit will enable the generation of a Reset pulse when a Watchdog timer time-out occurs.
0 = Disabled
1 = Enabled
RST_EN_FC
This bit will enable the generation of a Reset pulse after a frequency change occurs.
0 = Disabled
1 = Enabled
Table 6. Register Summary (continued)
Name
Description
Table 7. Examples of N and M Value for Different CPU Frequency Range
Frequency Ranges
Gear Constants
Fixed Value for
M-Value Register
Range of N-Value Register
for Different CPU Frequency
50 MHz–129 MHz
48.00741
93
97–255
130 MHz–248 MHz
48.00741
45
127–245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com