Electronic Components Datasheet Search
  English  ▼

X  

LTC1069-7I Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1069-7I
Description  Linear Phase 8th Order Lowpass Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-7I Datasheet(HTML) 2 Page - Analog Devices

  LTC1069-7I Datasheet HTML 1Page - Analog Devices LTC1069-7I Datasheet HTML 2Page - Analog Devices LTC1069-7I Datasheet HTML 3Page - Analog Devices LTC1069-7I Datasheet HTML 4Page - Analog Devices LTC1069-7I Datasheet HTML 5Page - Analog Devices LTC1069-7I Datasheet HTML 6Page - Analog Devices LTC1069-7I Datasheet HTML 7Page - Analog Devices LTC1069-7I Datasheet HTML 8Page - Analog Devices LTC1069-7I Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LTC1069-7
2
10697fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V + to V–) ............................... 12V
Power Dissipation .............................................. 400mW
Operating Temperature Range
LTC1069-7C ............................................ 0°C to 70°C
LTC1069-7I ......................................... – 40°C to 85°C
Storage Temperature..............................–65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
1
2
3
4
8
7
6
5
TOP VIEW
VOUT
V–
NC
CLK
AGND
V+
NC
VIN
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 130°C/W
ELECTRICAL CHARACTERISTICS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Passband Gain (fIN ≤ 0.2fCUTOFF)VS = ± 5V, fCLK = 2.5MHz
fTEST = 1kHz, VIN = 1VRMS
l
–0.10
±0.75
±0.90
dB
dB
VS = 4.75V, fCLK = 500kHz
fTEST = 1kHz, VIN = 0.5VRMS
l
–0.10
±0.75
±0.90
dB
dB
Gain at 0.25fCUTOFF
VS = ± 5V, fCLK = 2.5MHz
fTEST = 25kHz, VIN = 1VRMS
l
–0.55
–0.30
–0.1
dB
dB
VS = 4.75V, fCLK = 500kHz
fTEST = 5kHz, VIN = 0.5VRMS
l
–0.30
–0.05
0.15
dB
dB
Gain at 0.50fCUTOFF
VS = ± 5V, fCLK = 2.5MHz
fTEST = 50kHz, VIN = 1VRMS
l
–1.40
–1.0
–0.35
dB
dB
VS = 4.75V, fCLK = 500kHz
fTEST = 10kHz, VIN = 0.5VRMS
l
–0.60
–0.30
0
dB
dB
Gain at 0.75fCUTOFF
VS = ± 5V, fCLK = 2.5MHz
fTEST = 75kHz, VIN = 1VRMS
l
–2.1
–1.65
–0.80
dB
dB
VS = 4.75V, fCLK = 500kHz
fTEST = 15kHz, VIN = 0.5VRMS
l
–1.15
–0.75
–0.25
dB
dB
Gain at fCUTOFF
VS = ± 5V, fCLK = 2.5MHz
fTEST = 100kHz, VIN = 1VRMS
l
–4.0
–3.5
–2.7
dB
dB
VS = 4.75V, fCLK = 500kHz
fTEST = 20kHz, VIN = 0.5VRMS
l
–3.3
–2.9
–2.4
dB
dB
The
l denotes specifications which apply over the full operating
temperature range. fCUTOFF is the filter’s cutoff frequency and is equal to fCLK/25. The fCLK signal level is TTL or CMOS (max clock rise
or fall time ≤ 1μs), RL = 10k, TA = 25°C, unless otherwise specified. All AC gains are measured relative to the passband gain.
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1069-7CS8#PBF
LTC1069-7CS8#TRPBF
10697
8-Lead Plastic SO
0°C to 70°C
LTC1069-7IS8#PBF
LTC1069-7IS8#TRPBF
10697I
8-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com