Electronic Components Datasheet Search
  English  ▼

X  

7771 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 7771
Description  METRIC SCREW TERMINALS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

7771 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  7771 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Color coded screws available
(add color screw suffix to Cat. No.)
Mounting Detail
7.50
5.00
1.85 DIA. HOLE
(4) PLS
5.00
7.00
1.85 DIA. HOLE
(4) PLS
SNAP-IN
PC MOUNT
PC MOUNT
PC MOUNT
SNAP-IN
PC MOUNT
SNAP-IN
PC MOUNT
Color coded
screws available
(add color screw
suffix to Cat. No.)
Mounting Detail
6.00 LONG
SCREW
5.00
1.52
11.50
6.60
5.08
5.10
7.90
7.11
6.00 LONG
SCREW
7.11
7.81
5.00
5.08
1.52
5.10
7.90
11.50
6.00 LONG
SCREW
8.00
1.52
5.00
4.75
6.45
7.00
8.00
6.00 LONG
SCREW
8.00
1.52
5.00
5.00
6.45
7.00
8.00
SPECIFICATIONS
Rated: 15 Amps
Terminal: .80 Brass, Matte Tin Plate
Screw: Brass, Nickel Plate
SPECIFICATIONS
Rated: 15 Amps
Terminal: .80 Brass, Matte Tin Plate
Screw: Brass, Nickel Plate
Color coded screws available
(add color screw suffix to Cat. No.)
METRIC PC SCREW TERMINALS
VERTICAL TYPE
30 AMP - VERTICAL TYPE
M4
M5
HEAD COLOR
SUFFIX
RED
-2
BLACK
-3
WHITE
-4
BLUE
-5
GREEN
-6
YELLOW
-7
NICKEL
none
7693-5
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
PRINCIPAL FEATURES
• Compact, heavy duty design
• Six snap-in legs for total stability
• Serrated top surface secures connec
tion
1.93 DIA. HOLE
(6) PLS
10.00
7.00
5.00
SPECIFICATIONS
Rated: 30 Amps
Terminal: .80 Brass, Matte Tin Plate
Screw: Brass, Nickel Plate
Mounting Detail
SPECIFICATIONS
Rated: 30 Amps
Terminal: 1.14 Brass, Matte Tin Plate
Screw: Brass, Nickel Plate
5.21
10.80
2.57 DIA. HOLE
(6) PLS
10.41
M5 x 10.00 L.
SCREW
11.94
17.02
1.52
10.80
11.94
10.41
11.51
12.88
6.35
11.68
1.52
10.00
7.00
7.87
M4 x 6.00 L.
SCREW
Mounting Detail
M3 THREAD
M4 THREAD
CAT. NO.
CAT. NO.
7790
No Screw Supplied
7792
7689*
Screw Supplied Unassembled
7793
7695*
Screw Installed & Captivated
7794
*Available with color Coded Screws
These easy-to-mount, multipurpose screw type terminals are a practical,
low-cost alternative to PC screw type edge connectors, barrier blocks, termi-
nal boards and terminal strips. Steadfast and easy to install, will accommo-
date solid or stranded wire, crimp type terminals or lugs. Multi- placement
of these low-profile terminals make them ideally suited for high density
packaging. Supplied unassembled or with screw installed and captivated.
COLOR SELECTION:
Select desired screw terminal
and add color suffix to the
screw terminal Cat. No.
PRINCIPAL FEATURES
• Stable, no-rock design with exclusive anti-rotational feature
• Easily mounts with four legs into pre-drilled or punched holes
• Accepts 14-22 AWG solid or stranded wire, crimp type
terminals or lugs
• Ideally suited for high-density packaging
• Easy accessibility for PC board testing
• Binding screw is positioned above board level to avoid
wicking during wave soldering
65
*Available with color Coded Screws
Refer to page 133
for color screws only
M3 THREAD
M4 THREAD
CAT. NO.
CAT. NO.
7770
No Screw Supplied
7767
7771*
Screw Supplied Unassembled
7768
7772*
Screw Installed & Captivated
7769
*Available with color Coded Screws
M3 THREAD
M4 THREAD
CAT. NO.
CAT. NO.
7788
No Screw Supplied
7795
7698*
Screw Supplied Unassembled
7796
7696*
Screw Installed & Captivated
7797
*Available with color Coded Screws
CAT. NO.
7798
No Screw Supplied
7799
Screw Supplied Unassembled
7800
Screw Installed & Captivated
CAT. NO.
7807
No Screw Supplied
7808
Screw Supplied Unassembled
HORIZONTAL TYPE
SNAP-IN
PC MOUNT
M3 THREAD
M4 THREAD
CAT. NO.
CAT. NO.
7760
No Screw Supplied
7764
7761*
Screw Supplied Unassembled
7765
7762*
Screw Installed & Captivated
7766
M60Section3FREV1A1_11-2011 4/2/13 4:43PM Page65


Similar Part No. - 7771

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
7771 KEYSTONE-7771 Datasheet
200Kb / 1P
PC SCREW TERMINAL
5.24.10
logo
National Instruments Co...
777141-01 NI-777141-01 Datasheet
114Kb / 3P
Counter/Timer Accessories and Cables
777145-01 NI-777145-01 Datasheet
114Kb / 3P
Counter/Timer Accessories and Cables
777145-02 NI-777145-02 Datasheet
114Kb / 3P
Counter/Timer Accessories and Cables
More results

Similar Description - 7771

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
Screw Terminals
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
Screw Terminals
logo
Molex Electronics Ltd.
19323 MOLEX5-19323 Datasheet
664Kb / 2P
Metric Ring Terminals
logo
List of Unclassifed Man...
7794 ETC2-7794 Datasheet
280Kb / 1P
PC METRIC SCREW TERMINAL WITH SCREW
1259 ETC2-1259 Datasheet
584Kb / 2P
SCREW TERMINALS
FDFD1-250 ETC2-FDFD1-250 Datasheet
136Kb / 3P
Insulated Crimp Terminals Metric
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com