Electronic Components Datasheet Search
  English  ▼

X  

7255 Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 7255
Description  COMPUTER HARDWARE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

7255 Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  7255 Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
82
TURNABLE JACK SCREWS
SPECIFICATIONS: YELLOW: Steel, Zinc Plate and Yellow Chromate; CLEAR: Steel, Zinc Plate and Clear Chromate; STAINLESS: Stainless Steel
MATERIAL: Steel, Nickel Plate
DIRECT ACCESS
.187 [4.8]
L
.187 [4.8]
LOCKWASHER
FLAT WASHER
4-40 THREAD
SEMS JACK
SCREW
4-40 THREAD
.100 [2.6] MIN. DEEP
NUT
L
.187 [4.8]
4-40 THREAD
.100 [2.6] MIN. DEEP
NUT
JACK SCREW
(2) FLAT
WASHERS
LOCKWASHER
4-40 THREAD
.187 [4.8]
L
.187 [4.8]
4-40 THREAD
.100 [2.6] MIN. DEEP
NUT
JACK SCREW
(2) FLAT
WASHERS
LOCKWASHER
4-40 THREAD
.187 [4.8]
SCREWDRIVER
SLOT
STRAIGHT KNURL
SLIM LINE
MATERIAL: Steel, Black Oxide
MATERIAL: Steel, Zinc Plate & Clear Chromate
WITHOUT SLOT
WITH SLOT
CAT. NO.
CAT. NO.
2072
2073
.140
[3.6]
.078 [1.98] DIA.
KNURL
.375 [9.5]
1.800 [45.7]
.410 [10.4]
.187 [4.8] DIA.
4-40
THREAD
WITHOUT SLOT
WITH SLOT
T
L
CAT. NO.
CAT. NO.
DIM.
DIM.
2064
2065
.125 (3.2) .250 (6.4)
2066
2067
.250 (6.4) .437 (11.1)
WITHOUT SLOT
WITH SLOT
H
CAT. NO.
CAT. NO.
DIM.
2068
2069
1.250 (31.8)
2070
2071
1.750 (44.5)
YELLOW
CLEAR
L
YELLOW
CLEAR
CAT. NO.
CAT. NO
LENGTH
CAT. NO.
CAT. NO.
7270
7275
.250 (6.3)
7290
7295
7271
7276
.312 (7.9)
7291
7296
7272
7277
.375 (9.5)
7292
7297
7273
7278
.500 (12.7)
7293
7298
7274
7279
.625 (15.8)
7294
7299
JACK WITH HARDWARE*
JACK ONLY
L
.187 [4.8]
.187 [4.8]
4-40 THREAD
.100 [2.6] MIN. DEEP
NYLON PATCH
L
T
.375 [9.5]
.078 [1.98] DIA.
KNURL
2.000 [50.8]
.187 [4.8] DIA.
4-40
THREAD
JACK SCREWS
JACK WITH NYLON PATCH
YELLOW
CLEAR
STAINLESS
L
CAT. NO.
CAT. NO.
CAT. NO.
LENGTH
7260
7261
7262
.250 (6.4)
7263
7264
7265
.312 (7.9)
7266
7267
7268
.375 (9.5)
STANDARD JACK SCREWS
SEMS JACK SCREWS
JACK SCREWS WITH NYLON PATCH
SLOTTED JACK SCREWS
YELLOW
CLEAR
STAINLESS
L
YELLOW
CLEAR
STAINLESS
CAT. NO. CAT. NO.
CAT. NO.
LENGTH
CAT. NO. CAT. NO. CAT. NO.
7228
7228-5
7248
.250 (6.4)
7229
7229-5
7249
7230
7230-5
7250
.312 (7.9)
7231
7231-5
7251
7241
7241-5
7252
.375 (9.5)
7242
7242-5
7253
7243
7243-5
7254
.500 (12.7)
7244
7244-5
7255
7232
7232-5
7256
.625 (15.8)
7233
7233-5
7257
JACK WITH HARDWARE*
JACK ONLY
MATERIAL:
Clip & Screw: Steel, Zinc Plate
& Yellow Chromate
“U” CLIP
MATERIAL:
Clip & Screw: Steel, Zinc Plate
& Yellow Chromate
4-40 THREAD
.012 [0.30]
.265 [6.8]
.280 [7.1]
.250 [6.4]
Supplied Unassembled
MATERIAL:
Clip & Screw: Steel, Zinc Plate
& Yellow Chromate
.203 [5.2]
CLEARANCE
HOLE
4-40 THREAD
.365 [9.3]
.068 [1.73]
.437 [11.1]
Supplied Unassembled
SADDLE WASHER
CAT. NO. 2062
CAT. NO. 2063
“BOW TIE” RETAINING CLIP
CAT. NO.
L
2060
.250 (6.4)
2061
.281 (7.1)
.187 [4.8]
.550 [14.0]
L
.200 [5.1]
MAX.
4-40 THREAD
Supplied Unassembled
H
.218
[5.6]
4-40
THREAD
KNURL
.625 [15.9]
.516 [13.1]
.093 [2.36] DIA.
.156 [4.0] DIA.
.125 [3.2] DIA.
.235 [6.0]
PANEL MOUNTING HARDWARE
• Captivated helical spring lockwasher, simplifies use
• Nylon patch holds jack
firmly in vibration
applications.
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
• Slot provides ability
to install jack with
a screwdriver.
*Hardware supplied unassembled in bulk
*Hardware supplied unassembled in bulk
*Hardware supplied unassembled in bulk
• Equivalent to AMP, CANNON & TRW Jack Screws • “D” subminiature connector mounting screw • Custom lengths available • Hardware supplied unassembled and in bulk
SEMS JACK ONLY
SEMS JACK WITH HARDWARE*
CLEAR
L
CLEAR
CAT. NO.
LENGTH
CAT. NO.
7235
.285 (7.3)
7236
7237
.347 (8.8)
7238
7239
.660 (16.8)
7240
M60Section5FREV2-color 4/4/13 5:13PM Page82


Similar Part No. - 7255

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7255 GILWAY-7255 Datasheet
143Kb / 2P
T-1 Subminiature Lamps
logo
List of Unclassifed Man...
72550 ETC1-72550 Datasheet
199Kb / 1P
The ideal multi-purpose bits for all around quality and performance
72551 ETC1-72551 Datasheet
199Kb / 1P
The ideal multi-purpose bits for all around quality and performance
logo
Wiha Tools
72552 WIHA-72552 Datasheet
195Kb / 1P
Wiha Tamper Resistant TORX® Insert Bits and Power Bits
logo
List of Unclassifed Man...
72555 ETC1-72555 Datasheet
199Kb / 1P
The ideal multi-purpose bits for all around quality and performance
More results

Similar Description - 7255

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3064 MICROSEMI-1N3064 Datasheet
44Kb / 1P
COMPUTER DIODE
logo
List of Unclassifed Man...
I-7017 ETC2-I-7017 Datasheet
109Kb / 4P
Hardware
logo
Cornell Dubilier Electr...
M8S17W25 CDE-M8S17W25 Datasheet
433Kb / 3P
Screw-Terminal, Computer-Grade Capacitor, Mounting Hardware
logo
General Cable Technolog...
C0515A GENERAL-C0515A Datasheet
75Kb / 1P
Computer Cable
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
COMPUTER CABLE
logo
Analog Microelectronics
AME8503 AME-AME8503 Datasheet
491Kb / 17P
Computer Peripherals
logo
Ohmite Mfg. Co.
RES-LVC OHMITE-RES-LVC Datasheet
360Kb / 2P
Computer
logo
Texas Instruments
TPA3255EVM TI1-TPA3255EVM Datasheet
2Mb / 21P
Hardware
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com