Electronic Components Datasheet Search
  English  ▼

X  

CS82C82 Datasheet(PDF) 1 Page - Intersil Corporation

Part # CS82C82
Description  CMOS Octal Latching Bus Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C82 Datasheet(HTML) 1 Page - Intersil Corporation

  CS82C82 Datasheet HTML 1Page - Intersil Corporation CS82C82 Datasheet HTML 2Page - Intersil Corporation CS82C82 Datasheet HTML 3Page - Intersil Corporation CS82C82 Datasheet HTML 4Page - Intersil Corporation CS82C82 Datasheet HTML 5Page - Intersil Corporation CS82C82 Datasheet HTML 6Page - Intersil Corporation CS82C82 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
274
TM
March 1997
82C82
CMOS Octal Latching Bus Driver
Features
• Full Eight-Bit Parallel Latching Buffer
• Bipolar 8282 Compatible
• Three-State Noninverting Outputs
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . 35ns Max.
• Gated Inputs:
- Reduce Operating Power
- Eliminate the Need for Pull-Up Resistors
• Single 5V Power Supply
• Low Power Operation . . . . . . . . . . . . . . . ICCSB = 10
µA
• Operating Temperature Ranges
- C82C82 . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
- I82C82 . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC
- M82C82 . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
Description
The Intersil 82C82 is a high performance CMOS Octal
Latching Buffer manufactured using a self-aligned silicon
gate CMOS process (Scaled SAJI IV). The 82C82 provides
an eight-bit parallel latch/buffer in a 20 pin package. The
active high strobe (STB) input allows transparent transfer of
data and latches data on the negative transition of this sig-
nal. The active low output enable (OE) permits simple inter-
face to state-of-the-art microprocessor systems.
Ordering Information
PART NUMBER
TEMP. RANGE
PACKAGE
PKG. NO.
CP82C82
0oC to +70oC
20 Ld PDIP
E20.3
IP82C82
-40oC to +85oC
CS82C82
0oC to +70oC
20 Ld PLCC
N20.35
IS82C82
-40oC to +85oC
CD82C82
0oC to +70oC
20 Ld CERDIP
F20.3
ID82C82
-40oC to +85oC
MD82C82/B
-55oC to +125oC
8406701RA
SMD #
MR82C82/B
-55oC to +125oC 20 Pad CLCC
J20.A
84067012A
SMD #
Pinouts
82C82 (PDIP, CERDIP)
TOP VIEW
82C82 (PLCC, CLCC)
TOP VIEW
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
DI0
DI1
DI2
DI3
DI4
DI5
DI7
DI6
OE
GND
VCC
DO1
DO2
DO3
DO0
DO4
DO5
DO6
DO7
STB
19
3
2
20
1
15
16
17
18
14
910
11
12
13
4
5
6
7
8
DI4
DI5
DI6
DI7
DI3
DO2
DO3
DO4
DO5
DO1
TRUTH TABLE
STB
OE
DI
DO
XH
X
Hi-Z
HL
L
L
HL
H
H
↓
LX
†
H
= Logic One
L
= Logic Zero
X
= Don’t Care
†
= Latched to Value of Last
Data
Hi-Z
= High Impedance
↓
= Neg. Transition
PIN NAMES
PIN
DESCRIPTION
DI0-DI7
Data Input Pins
DO0-DO7
Data Output Pins
STB
Active High Strobe
OE
Active Low Output
Enable
FN2975.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved


Similar Part No. - CS82C82

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C82 INTERSIL-CS82C82 Datasheet
103Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
More results

Similar Description - CS82C82

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX543 MOTOROLA-MC74LCX543 Datasheet
155Kb / 9P
LOW-VOLTAGE CMOS OCTAL LATCHING TRANSCEIVER
logo
Intersil Corporation
82C82 INTERSIL-82C82 Datasheet
103Kb / 7P
CMOS Octal Latching Bus Driver
March 1997
82C83H INTERSIL-82C83H Datasheet
105Kb / 6P
CMOS Octal Latching Inverting Bus Driver
March 1997
82C86H INTERSIL-82C86H Datasheet
109Kb / 8P
CMOS Octal Bus Transceiver
March 1997
82C87H INTERSIL-82C87H Datasheet
94Kb / 8P
CMOS Octal Inverting Bus Transceiver
March 1997
82C86H INTERSIL-82C86H_04 Datasheet
162Kb / 6P
CMOS Octal Bus Transceiver
June 2004
logo
Integrated Device Techn...
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
82C82 RENESAS-82C82 Datasheet
501Kb / 8P
CMOS Octal Latching Bus Driver
Aug 25, 2015
82C86H RENESAS-82C86H Datasheet
439Kb / 6P
CMOS Octal Bus Transceiver
June 2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com