Electronic Components Datasheet Search
  English  ▼

X  

EL4581CS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL4581CS
Description  Sync Separator, 50% Slice, S-H, Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4581CS Datasheet(HTML) 5 Page - Intersil Corporation

  EL4581CS Datasheet HTML 1Page - Intersil Corporation EL4581CS Datasheet HTML 2Page - Intersil Corporation EL4581CS Datasheet HTML 3Page - Intersil Corporation EL4581CS Datasheet HTML 4Page - Intersil Corporation EL4581CS Datasheet HTML 5Page - Intersil Corporation EL4581CS Datasheet HTML 6Page - Intersil Corporation EL4581CS Datasheet HTML 7Page - Intersil Corporation EL4581CS Datasheet HTML 8Page - Intersil Corporation EL4581CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
FN7172.1
February 8, 2008
Timing Diagrams
NOTES:
9. The composite sync output reproduces all the video input sync pulses, with a propagation delay.
10. Vertical sync leading edge is coincident with the first vertical serration pulse leading edge, with a propagation delay.
11. Odd-even output is low for even field, and high for odd field.
12. Back porch goes low for a fixed pulse width on the trailing edge of video input sync pulses. Note that for serration pulses during vertical, the
back porch starts on the rising edge of the serration pulse (with propagation delay).
FIGURE 10.
START OF
FIELD ONE
PRE-EQUALIZING
PULSE INTERVAL
H SYNC
INTERVAL
PULSE INTERVAL
POST-EQUALIZING
REF SUBCARRIER PHASE,
COLOR FIELD ONE
TIME
1.5µs±230µs
T1
FIELD ONE
+H
-0
1271µs+63.5µs
-0µs
)
(
(*SEE NOTE)
SEE FIG 4
SEE FIG 2, 3
VERTICAL BLANKING INTERVAL = 20H
3H
3H
3H
1
2
3
4
5
6
7
8
9
10
19
20
21
H
H
VERTICAL SYNC
PULSE INTERVAL
9 LINE VERTICAL
INTERVAL
H
0.5H
H
SIGNAL 1b. COMPOSITE SYNC OUTPUT, PIN 1
SIGNAL 1c. VERTICAL SYNC OUTPUT, PIN 3
SIGNAL 1d. ODD-EVEN OUTPUT, PIN 7
SIGNAL 1e. BACK PORCH OUTPUT, PIN 5
SIGNAL 1a. COMPOSITE VIDEO INPUT, FIELD ONE
EL4581



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com