Electronic Components Datasheet Search
  English  ▼

X  

DA9072 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # DA9072
Description  Ultra-Low Quiescent Current PMIC
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9072 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button DA9072 Datasheet HTML 45Page - Renesas Technology Corp DA9072 Datasheet HTML 46Page - Renesas Technology Corp DA9072 Datasheet HTML 47Page - Renesas Technology Corp DA9072 Datasheet HTML 48Page - Renesas Technology Corp DA9072 Datasheet HTML 49Page - Renesas Technology Corp DA9072 Datasheet HTML 50Page - Renesas Technology Corp DA9072 Datasheet HTML 51Page - Renesas Technology Corp DA9072 Datasheet HTML 52Page - Renesas Technology Corp DA9072 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 117 page
background image
DA9072
Ultra-Low Quiescent Current PMIC
Datasheet
Revision 3.2
13-Jun-2023
CFR0011-120-00
49 of 117
© 2023 Renesas Electronics
Table 41: I2C Interface Configuration
I2C_HIZ_EN
0x0015 [0]
Ship Mode
Hi-Z Mode
Active Battery Mode
Charge Mode
0
disabled
disabled
active
active
1
disabled
active
active
active
I2C communication uses the SDA and SCL are open drain I/O pins. Pull these up to VDDIO with a
1 k
Ω to 100 kΩ resistor. SCL is the serial clock generated by the host and SDA is the serial address
and data input/output.
DA9072 is compatible with the standard I2C protocol but only operates as a slave. The I2C bus
supports a frequency range of 400 kHz (Fast mode) to 100 kHz (Slow mode). The transfer protocol is
the same whether operating in Fast or Slow mode.
The device supports 8-bit addressing only. The I2C slave ID is 7-bit and can be set at register 0x0040
[6:0], with a range of 00 to 7F.
When active, the I2C bus is monitored at all times for a valid SLAVE address, and an
ACKNOWLEDGE (ACK) bit is generated if the SLAVE address is true.
This indicates to the master that the communication link has been established. The master then
generates SCL clock cycles to transmit or receive data. After receiving data, an ACK is generated
either by the DA9072 or the master. Basic communication is described below and in Figure 32.
● A START condition is initiated by a high to low transition on the SDA line while the SCL is in the
high state
● A STOP condition is indicated by a low to high transition on the SDA line while the SCL is in the
high state
● An ACK is indicated by the receiver pulling the SDA line low during the following clock cycle
SDA
SCL
Data SDA must be stable
during high part of clock
SCL
Data sampled on SCL
rising edge and driven on
SCL falling edge
Start ( S ) is SDA falling while
SCL high
Stop (P ) is SDA rising while
SCL high
Figure 32: I2C Start and Stop Conditions
Each data sequence is 9-bit, consisting of 8-bit data and 1-bit ACK. Data sequences can be repeated
indefinitely. At the end of the data transfer, the master generates a STOP condition.
The bus returns to IDLE if during a message a new START or STOP condition occurs. Data is
transmitted as MSB first for both READ and WRITE operations.
4.9
Buck Regulator
DA9072 includes a nano-ampere quiescent current buck regulator with adjustable output voltage, up
to 300 mA load capability, and Power Saving mode for excellent efficiency at light load. It also
features dynamic voltage scaling (DVS) capability and multiple protection features.
4.9.1
Buck Output Voltage Programmability
The DA9072 buck regulator output voltage is programmable in 50 mV steps between 0.6 V and
2.1 V. The output voltage is set by BUCK_VOUT (register 0x0030 [4:0]). The voltage can be set
within two ranges based on the value of the VOUT_RANGE_HI bit (register 0x0030 [6]). The output
voltage can be changed within one of the two range settings while the buck is enabled (0.6 V to 1.3 V
or 1.3 V to 2.1 V). The range setting, however, can only be changed while the buck is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com