Electronic Components Datasheet Search
  English  ▼

X  

ADPL42010A Datasheet(PDF) 14 Page - Analog Devices

Part # ADPL42010A
Description  20V, 1A, Fast Transient Response LDO Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42010A Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPL42010A Datasheet HTML 10Page - Analog Devices ADPL42010A Datasheet HTML 11Page - Analog Devices ADPL42010A Datasheet HTML 12Page - Analog Devices ADPL42010A Datasheet HTML 13Page - Analog Devices ADPL42010A Datasheet HTML 14Page - Analog Devices ADPL42010A Datasheet HTML 15Page - Analog Devices ADPL42010A Datasheet HTML 16Page - Analog Devices ADPL42010A Datasheet HTML 17Page - Analog Devices ADPL42010A Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Data Sheet
ADPL42010A
analog.com
Rev. 0
14 of 28
Figure 17. ADJ Pin Bias Current
Figure 18. Current Limit vs. Input/Output Differential at
Various Temperature
Figure 19. Current Limit vs. Temperature
Figure 20. Reverse Output Current
Figure 21. Reverse Output Current
Figure 22. Power-Supply Rejection Ratio (PSRR) vs.
Frequency
TEMPERATURE (°C)
–50
5.0
0
50
75
–25
25
100
125
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
INPUT/OUTPUT DIFFERENTIAL (V)
0
2
6
10
14
18
3.0
4
8
12
16
20
TJ = 125°C
TJ = 25°C
TJ = –50°C
ΔVOUT = 100mV
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (°C)
–50
4.0
0
50
75
–25
25
100
125
VIN = 7V
VOUT = 0V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
OUTPUT VOLTAGE (V)
5.0
0
1
2
3
4
5
6
7
8
9
10
ADPL42010A
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
ADPL42010A-1.5
ADPL42010A-1.8
ADPL42010A-2.5
ADPL42010A-3.3
TJ = 25°C
VIN = 0V
CURRENT FLOWS INTO
OUTPUT PIN
VOUT = VADJ (ADPL42010A)
VOUT = VFB (ADPL42010A-1.5/-1.8/-2.5/-3.3)
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
ADPL42010A-1.8/-2.5/-3.3
ADPL42010A
VIN = 0V
VOUT = 1.21V (ADPL42010A)
VOUT = 1.5V (ADPL42010A-1.5)
VOUT = 1.8V (ADPL42010A-1.8)
VOUT = 2.5V (ADPL42010A-2.5)
VOUT = 3.3V (ADPL42010A-3.3)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
FREQUENCY (Hz)
10
10
1k
10k
10M
1M
100
100k
0
–10
–20
–30
–40
–50
–60
–70
IL = 0.75A
VIN = 2.5V, VOUT = 1.21V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com