Electronic Components Datasheet Search
  English  ▼

X  

AP61041 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP61041
Description  Tiny, Ultra-Low IQ, 400mA COT, Synchronous Buck Converters Increase Operating Battery Life in Portable Devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61041 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP61041 Datasheet HTML 1Page - Diodes Incorporated AP61041 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.diodes.com
Announcement
New Product
diodes.com
The AP61040 and AP61041 are low-
current, synchronous buck converters
providing high efficiency, excellent transient
responses, and high output accuracy.
Their ultra-low IQ make them ideal for
portable consumer applications such as
fitness wearables, health monitors, and
other handheld devices.
The AP61040 and AP61041 are optimized
to operate with a 2.2µH inductor and 10µF
input and output capacitors. The buck
converters provide a 400mA output current
across an input voltage range of 2.15V to
5.5V.
The constant on-time (COT) control scheme
handles wide input/output voltage ratios and
provides a low external component count
with an outstanding performance in line and
load transient responses. It also has
seamless transitions between buck and
100% duty cycle modes.
The AP61040 provides three programmable
output voltages between 0.6V to 3.3V,
selectable by one selection pin. The
AP61041 provides two VSEL pins for
programmable feedback voltages from 0.6V
to 3.3V. The devices also feature UVLO,
OCP, and OTP to protect the circuit.
The AP61040 and AP61041 are available in
the tiny, 1.17mm x 0.77mm, 6-ball
X1-WLB1208-6 package.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2026 Copyright Diodes Incorporated. All Rights
Reserved.
Tiny, Ultra-Low IQ, 400mA COT, Synchronous Buck Converters
Increase Operating Battery Life in Portable Devices
AP61040
AP61041
Applications
▪ Wearables
▪ Fitness trackers
▪ Action cameras
▪ Smart glasses
▪ Smart watches
▪ Bluetooth low-energy devices
The DIODES Advantage
The AP61040 and AP61041 provide high-efficiency DC-DC
solutions to extend the battery life of portable consumer
applications.
▪ Low 930nA Quiescent Current, I
Q
Maximizes light-load efficiency
▪ Selectable Output Voltages
▪
AP61040 has a VSEL1 pin for programmable VOUT
(0.6V to 3.3V) with ±1%
▪
AP61041 has two VSEL1 and VSEL2 pins for programmable
VOUT (0.6V to 1.8V) with ±1
▪ Protection Functions
Provides overcurrent, short-circuit, overtemperature, and
undervoltage lockout protections
▪ High 1.1MHz Operating Frequency
Reduces the size and value of passive components
January 2026


Similar Part No. - AP61041

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP61062Q DIODES-AP61062Q Datasheet
367Kb / 2P
5.5V, 2A, Low IQ, Synchronous Buck Converter in Tiny SOT563 for Protected Point-of-Load Automotive Rails
August 2025
AP61062Q DIODES-AP61062Q Datasheet
350Kb / 2P
5.5V, 4A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny V-DFN1515-6/SWP (Type UX)
June 2025
AP61062Q DIODES-AP61062Q Datasheet
397Kb / 2P
I2C 5.5V, 4A, Synchronous Buck Converter Provides a Versatile High Power Density Automotive POL Solution
More results

Similar Description - AP61041

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
logo
Micrel Semiconductor
MIC5325 MICREL-MIC5325 Datasheet
293Kb / 11P
Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5325 MICREL-MIC5325_11 Datasheet
407Kb / 11P
Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
DC1967A LINER-DC1967A_15 Datasheet
98Kb / 2P
400mA WIRELESS SYNCHRONOUS BUCK BATTERY CHARGER
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC4121EUD LINER-LTC4121EUD Datasheet
1Mb / 8P
400mA Synchronous Buck Battery Charger
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
Ultra Low Iq Buck Converter
logo
Diodes Incorporated
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com