Electronic Components Datasheet Search
  English  ▼

X  

AP61300Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP61300Q
Description  I2C 5.5V, 4A, Synchronous Buck Converter Provides a Versatile High Power Density Automotive POL Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP61300Q Datasheet(HTML) 1 Page - Diodes Incorporated

  AP61300Q Datasheet HTML 1Page - Diodes Incorporated AP61300Q Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.diodes.com
Announcement
New Product
diodes.com
The AP61406Q is a new 5.5V, 4A,
automotive-compliant* synchronous buck
converter. Its I2C interface allows for low
quiescent current (IQ) and the programming of
various parameters, enabling the device to
meet the growing demands for compact
designs and high efficiency in automotive
point-of-load (POL) applications.
The device features an I2C-compatible, two-
wire serial interface consisting of a
bidirectional serial-data line (SDA), and a
serial-clock line (SCL) with supported rates up
to 3.4MHz.
The AP61406Q operates with an input voltage
range of 2.3V to 5.5V. It integrates a 75mΩ
high-side and a 33mΩ low-side power
MOSFET to provide high-efficiency step-down
DC-DC conversion. Its adoption of constant
on-time (COT) control minimizes external
component count, facilitates loop stabilization,
and results in a low output voltage ripple.
For high power density, the AP61406Q is
available in the tiny W-QFN1520-8/SWP
(Type UX) package.
A standard-compliance version, AP61406, is
available and suitable for industrial and
commercial applications.
*Automotive-compliant - AEC qualified, manufactured in
facilities certified to IATF 16949, supporting PPAP
documents.
The Diodes logo is a registered trademark of Diodes
Incorporated in the United States and other countries.
All other trademarks are the property of their respective
owners.
© 2025 Copyright Diodes Incorporated. All Rights
Reserved.
I2C 5.5V, 4A, Synchronous Buck Converter Provides a
Versatile High Power Density Automotive POL Solution
Applications
Automotive 5V and 3.3V POL in:
▪ Infotainment
▪ Instrument clusters
▪ Telematics
▪ Advanced Driver Assistance
Systems (ADAS)
The DIODES Advantage
The AP61406Q's I2C interface, low IQ, inclusion of constant
on-time control allows for programmable parameters in a
highly efficient, small form factor design.
▪ I2C Interface with up to 3.4MHz SCL Clock Rates to
Program PFM/PWM, fSW (1MHz, 1.5MHz, 2MHz, 2.5MHz),
IOUT (1A/2A/3A/4A), VOUT (20mV steps), and Fault Status
Reporting
Provides increased versatility and ease of design
▪ Operates at 4A Maximum Output Current in the Tiny
W-QFN1520-8/SWP (Type UX)
Provides high power density for high ambient temperature
operation in automotive POL applications
▪ Accurate PG with ±5% window comparator and Internal
5MΩ Pull-up
Accurate fault detection while reducing BOM costs
▪ Multi-Function EN Controls PFM/PWM Modes of Operation
Provides flexibility for low IQ high-light-load efficiency or equal
ripple across load conditions in fixed PWM
▪ High-Side and Low-Side Current Sense Protection During
Output Short
Increases robustness in automotive POL applications
AP61406Q
December 2025


Similar Part No. - AP61300Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
AP61300Q DIODES-AP61300Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP61300Q DIODES-AP61300Q Datasheet
367Kb / 2P
5.5V, 2A, Low IQ, Synchronous Buck Converter in Tiny SOT563 for Protected Point-of-Load Automotive Rails
August 2025
AP61300Q DIODES-AP61300Q Datasheet
350Kb / 2P
5.5V, 4A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny V-DFN1515-6/SWP (Type UX)
June 2025
AP61300QZ6-7 DIODES-AP61300QZ6-7 Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
More results

Similar Description - AP61300Q

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9137MUV ROHM-BD9137MUV_12 Datasheet
971Kb / 21P
2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
BD91361MUV ROHM-BD91361MUV_12 Datasheet
1Mb / 23P
2.7V to 5.5V, 4A 1ch Synchronous Buck Converter Integrated FET
logo
SHANGHAI BELLING CO., L...
BL8529 BELLING-BL8529 Datasheet
771Kb / 5P
3A 1.5MHz 5.5V Synchronous Buck Converter
BL8526 BELLING-BL8526 Datasheet
562Kb / 6P
2A 1.4M 5.5V Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE723A ACE-ACE723A Datasheet
643Kb / 8P
3A 1.5MHz 5.5V Synchronous Buck Converter
VER 1.3
logo
Global Mixed-mode Techn...
G5383A GMT-G5383A Datasheet
92Kb / 1P
High Efficiency 4A Synchronous Buck Converter
G5333A GMT-G5333A Datasheet
169Kb / 1P
High Efficiency 4A Synchronous Buck Converter
logo
Linear Technology
LTC1436-PLL LINER-LTC1436-PLL Datasheet
280Kb / 12P
Synchronous Buck Converter with Versatile Frequency Controller
logo
Rohm
BD9S400MUF-C ROHM-BD9S400MUF-C Datasheet
3Mb / 46P
2.7V to 5.5V Input, 4A Integrated MOSFET Single Synchronous Buck DC/DC Converter For Automotive
logo
ACE Technology Co., LTD...
ACE7210A ACE-ACE7210A Datasheet
187Kb / 2P
1A 2MHz 5.5V Synchronous Buck Converter
VER 1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com