Electronic Components Datasheet Search
  English  ▼

X  

CLC001 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CLC001
Description  Serial Digital Cable Driver with Adjustable Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC001 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC001 Datasheet HTML 3Page - National Semiconductor (TI) CLC001 Datasheet HTML 4Page - National Semiconductor (TI) CLC001 Datasheet HTML 5Page - National Semiconductor (TI) CLC001 Datasheet HTML 6Page - National Semiconductor (TI) CLC001 Datasheet HTML 7Page - National Semiconductor (TI) CLC001 Datasheet HTML 8Page - National Semiconductor (TI) CLC001 Datasheet HTML 9Page - National Semiconductor (TI) CLC001 Datasheet HTML 10Page - National Semiconductor (TI) CLC001 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Device Operation (Continued)
OUTPUT INTERFACING
The CLC001 has two complementary, ground referenced
outputs designed to drive AC-coupled and terminated 75
Ω
coaxial cables. The outputs are single ended; however, they
could be treated as a single differential output as long as
current paths from each output go to ground.
The output of the CLC001 is a high impedance current
source. It expects to see a 75
Ω shunt resistor before driving
cable to convert the current output to a voltage and provide
proper back-matching. No series back-matching resistors
should be used. Refer to Section Typical Application for an
illustration.
Output levels range from 800 mV
p-p to 1.0 Vp-p ±10% into
75
Ω AC-coupled, back-matched loads. Output level is con-
trolled by the value of R
REF connected to pin 4. RREF is 1.91
k
Ω ±1% for 800 mV
p-p, and 1.5 k
Ω ±1% for 1.0 V
p-p. Refer
to Figure 10 for the output level’s sensitivity to R
REF.
Evaluation Board
Evaluation boards are available for a nominal charge that
demonstrate the basic operation of the SDI/SDV/SDH de-
vices. The evaluation boards can be ordered through Nation-
al’s Distributors. Supplies are limited, please check for cur-
rent availability.
The SD001EVK evaluation kit for the CLC001, Serial Digital
Cable Driver with Adjustable Outputs, provides an operating
environment in which the cable driver can be evaluated by
system / hardware designers. The evaluation board has all
the needed circuitry and connectors for easy connection and
checkout of the device circuit options as discussed in the
CLC001 datasheet. A schematic, parts list and pictorial
drawing are provided with the board.
From the WWW, the following information may be viewed /
downloaded for most evaluation boards: www.national.com/
appinfo/interface
•
Device Datasheet and / or EVK User Manual
•
View a picture of the EVK
•
View the EVK Schematic
•
View the top assembly drawing and BOM
•
View the bottom assembly drawing and BOM
PCB Layout Recommendations
Printed circuit board layout affects the performance of the
CLC001. The following guidelines will aid in achieving satis-
factory device performance.
•
Use a ground plane or power/ground plane sandwich
design for optimum performance.
•
Bypass device power with a 0.01 µF monolithic ceramic
capacitor in parallel with a 6.8 µF tantalum electrolytic
capacitor located no more than 0.1" (2.5 mm) from the
device power pins.
•
Provide short, symmetrical ground return paths for:
— inputs,
— supply bypass capacitors and
— the output load.
•
Provide short, grounded guard traces located
— under the centerline of the package,
— 0.1" (2.5 mm) from the package pins
— on both top and bottom of the board with connecting
vias.
10132913
FIGURE 10. Output level’s sensitivity to R
REF
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com