Electronic Components Datasheet Search
  English  ▼

X  

CLC011 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC011
Description  Serial Digital Video Decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC011 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC011 Datasheet HTML 1Page - National Semiconductor (TI) CLC011 Datasheet HTML 2Page - National Semiconductor (TI) CLC011 Datasheet HTML 3Page - National Semiconductor (TI) CLC011 Datasheet HTML 4Page - National Semiconductor (TI) CLC011 Datasheet HTML 5Page - National Semiconductor (TI) CLC011 Datasheet HTML 6Page - National Semiconductor (TI) CLC011 Datasheet HTML 7Page - National Semiconductor (TI) CLC011 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC–VEE)
+6V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
+150˚C
ESD Rating (HBM)
PDx
500V
other
2kV
Package Thermal Resistance
θ
JA 28-Pin PLCC
85˚C/W
θ
JC 28-Pin PLCC
35˚C/W
Reliability Information
Transistor Count
3076
Recommended Operating
Conditions
Supply Voltage (V
CC–VEE)
4.5V to 5.5V
Logic High Voltage
(V
CP–VEE and VDP–VEE)
3.0V to 5.5V
Operating Temperature
0˚C to +70˚C
Electrical Characteristics
(V
CC = +5V, VEE = 0V, CL = 10 pF; unless specified).
Parameter
Conditions
Typ
+25˚C
Min/Max
+25˚C
Min/Max
0˚C to
+70˚C
Units
DYNAMIC PERFORMANCE
Minimum Serial Data Rate
0
Mbps
Maximum Serial Data Rate
400
360
360
Mbps
PDn and PCLK Rise/Fall Time
C
L = 2 pF,(Note 9)
2.0
ns
PDn and PCLK Rise/Fall Time
C
L = 20 pF,(Note 9)
4.0
ns
PCLK Rising Edge Residual Jitter
(Note 9)
50
ps
pp
TIMING PERFORMANCE
SD to SC Setup Time
0.2
0.2
ns
SC to SD Hold Time
00
ns
PDn to PCLK Skew
(Note 9)
±0.8
ns
PDn Valid to PCLK
↑
PCLK = 27 MHz, (Note 9)
18
ns
PCLK
↑ to PDn Invalid
PCLK = 27 MHz, (Note 9)
18
ns
Digital Latency
(Notes 6, 7, 9)
42
sclk cycles
Output Buffer Latency
(Notes 7, 9)
10
ns
STATIC PERFORMANCE
I
CC Supply Current
(Note 9) V
CC Pin
44
mA
VDP and VCP Supply Current
PCLK = 0 MHz, (Note 9)
2
mA
VDP and VCP Supply Current
PCLK = 27 MHz, (Note 9)
12
mA
SD and SC Inputs
Input Range Upper Limit
V
CC
V
CC
V
Input Range Lower Limit
V
EE +2.5
V
EE +2.5
V
Minimum Differential Input
200
200
mV
I
IH
10
15
µA
FE, NRZI, and DESC Inputs
V
IL
V
EE +0.8
V
EE +0.8
V
V
IH
V
EE +2.0
V
EE +2.0
V
Outputs
V
OL
I
OL =10mA
V
EE +0.5
V
EE +0.5
V
V
OH
I
OH =10mA
V
CC −0.5
V
CC −0.5
V
MISCELLANEOUS PERFORMANCE
SD and SC Input Capacitance
(Note 9)
2.0
pF
SD and SC Input Resistance
(Note 9)
20
k
Ω
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com