Electronic Components Datasheet Search
  English  ▼

X  

SM2011 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SM2011
Description  SMB T PLUG-JACK-JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SM2011 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SM2011 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
DWG NO
SIZE
REV
SHEET
SCALE
CAGE CODE
A
SPECIFICATIONS
SMB T PLUG-JACK-JACK
- -
3FKR5
FAIRVIEW MICROWAVE INC.
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
SMB T PLUG-JACK-JACK
ALL DIMENSIONS IN inches(MM) Typical
0.79"
(20.1)
0.522"
(13.3)


Similar Part No. - SM2011

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
SM20117 LUMEL-SM20117 Datasheet
629Kb / 2P
module of analog inputs
SM20118 LUMEL-SM20118 Datasheet
629Kb / 2P
module of analog inputs
logo
Sinopower Semiconductor...
SM2011PSKP SINOPWER-SM2011PSKP Datasheet
264Kb / 10P
P-Channel Enhancement Mode MOSFET
SM2011PSKPC-TRG SINOPWER-SM2011PSKPC-TRG Datasheet
264Kb / 10P
P-Channel Enhancement Mode MOSFET
logo
LUMEL S.A.
SM2011X LUMEL-SM2011X Datasheet
629Kb / 2P
module of analog inputs
More results

Similar Description - SM2011

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9116 PASTERNACK-PE9116 Datasheet
232Kb / 2P
SMB Jack to SMB Jack Adapter
PE9120 PASTERNACK-PE9120 Datasheet
108Kb / 1P
SMB PLUG TO SMB JACK
PE9122 PASTERNACK-PE9122 Datasheet
249Kb / 2P
SMB Jack to SMB Jack Bulkhead Adapter
PE9243 PASTERNACK-PE9243 Datasheet
76Kb / 1P
SMB TEE, JACK-PLUG-JACK
PE9245 PASTERNACK-PE9245 Datasheet
76Kb / 3P
75 OHM SMB TEE, JACK-PLUG-JACK
PE9302 PASTERNACK-PE9302 Datasheet
258Kb / 3P
SMB Tee Adapter Jack-Jack-Jack
PE9309 PASTERNACK-PE9309 Datasheet
243Kb / 2P
SMB Tee Adapter Plug-Jack-Jack
logo
Rosenberger Hochfrequen...
59K151-S00L5 ROSENBERGER-59K151-S00L5 Datasheet
84Kb / 2P
ADAPTOR SMB JACK ??BNC PLUG
59S151-K00L5 ROSENBERGER-59S151-K00L5 Datasheet
38Kb / 2P
ADAPTOR SMB PLUG ??BNC JACK
logo
Amphenol RF.
142300 RF-142300 Datasheet
54Kb / 1P
SMB T ADAPTOR JACK-PLUG-JACK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com