Electronic Components Datasheet Search
  English  ▼

X  

DP83848H Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848H
Description  DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848H Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83848H Datasheet HTML 12Page - National Semiconductor (TI) DP83848H Datasheet HTML 13Page - National Semiconductor (TI) DP83848H Datasheet HTML 14Page - National Semiconductor (TI) DP83848H Datasheet HTML 15Page - National Semiconductor (TI) DP83848H Datasheet HTML 16Page - National Semiconductor (TI) DP83848H Datasheet HTML 17Page - National Semiconductor (TI) DP83848H Datasheet HTML 18Page - National Semiconductor (TI) DP83848H Datasheet HTML 19Page - National Semiconductor (TI) DP83848H Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
www.national.com
16
2.1.3 Auto-Negotiation Parallel Detection
The DP83848H supports the Parallel Detection function as
defined in the IEEE 802.3u specification. Parallel Detection
requires both the 10 Mb/s and 100 Mb/s receivers to moni-
tor the receive signal and report link status to the Auto-
Negotiation function. Auto-Negotiation uses this informa-
tion to configure the correct technology in the event that the
Link Partner does not support Auto-Negotiation but is
transmitting link signals that the 100BASE-TX or 10BASE-
T PMAs recognize as valid link signals.
If the DP83848H completes Auto-Negotiation as a result of
Parallel Detection, bit 5 or bit 7 within the ANLPAR register
will be set to reflect the mode of operation present in the
Link Partner. Note that bits 4:0 of the ANLPAR will also be
set to 00001 based on a successful parallel detection to
indicate a valid 802.3 selector field. Software may deter-
mine that negotiation completed via Parallel Detection by
reading a zero in the Link Partner Auto-Negotiation Able bit
once the Auto-Negotiation Complete bit is set. If configured
for parallel detect mode and any condition other than a sin-
gle good link occurs then the parallel detect fault bit will be
set.
2.1.4 Auto-Negotiation Restart
Once Auto-Negotiation has completed, it may be restarted
at any time by setting bit 9 (Restart Auto-Negotiation) of the
BMCR to one. If the mode configured by a successful Auto-
Negotiation loses a valid link, then the Auto-Negotiation
process will resume and attempt to determine the configu-
ration for the link. This function ensures that a valid config-
uration is maintained if the cable becomes disconnected.
A renegotiation request from any entity, such as a manage-
ment agent, will cause the DP83848H to halt any transmit
data and link pulse activity until the break_link_timer
expires (~1500 ms). Consequently, the Link Partner will go
into link fail and normal Auto-Negotiation resumes. The
DP83848H
will
resume
Auto-Negotiation
after
the
break_link_timer has expired by issuing FLP (Fast Link
Pulse) bursts.
2.1.5 Enabling Auto-Negotiation via Software
It is important to note that if the DP83848H has been initial-
ized upon power-up as a non-auto-negotiating device
(forced technology), and it is then required that Auto-Nego-
tiation or re-Auto-Negotiation be initiated via software,
bit 12 (Auto-Negotiation Enable) of the Basic Mode Control
Register (BMCR) must first be cleared and then set for any
Auto-Negotiation function to take effect.
2.1.6 Auto-Negotiation Complete Time
Parallel detection and Auto-Negotiation take approximately
2-3 seconds to complete. In addition, Auto-Negotiation with
next page should take approximately 2-3 seconds to com-
plete, depending on the number of next pages sent.
Refer to Clause 28 of the IEEE 802.3u standard for a full
description of the individual timers related to Auto-Negotia-
tion.
2.2 Auto-MDIX
When enabled, this function utilizes Auto-Negotiation to
determine the proper configuration for transmission and
reception of data and subsequently selects the appropriate
MDI pair for MDI/MDIX operation. The function uses a ran-
dom seed to control switching of the crossover circuitry.
This implementation complies with the corresponding IEEE
802.3 Auto-Negotiation and Crossover Specifications.
Auto-MDIX is enabled by default and can be configured via
strap or via PHYCR (0x19h) register, bits [15:14].
Neither Auto-Negotiation nor Auto-MDIX is required to be
enabled in forcing crossover of the MDI pairs. Forced
crossover can be achieved through the FORCE_MDIX bit,
bit 14 of PHYCR (0x19h) register.
Note: Auto-MDIX will not work in a forced mode of opera-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com