Electronic Components Datasheet Search
  English  ▼

X  

USBRS232 Datasheet(PDF) 1 Page - elc construction electronique

Part # USBRS232
Description  ADJUSTABLE POWER SUPPLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELC [elc construction electronique]
Direct Link  https://elc.fr/
Logo ELC - elc construction electronique

USBRS232 Datasheet(HTML) 1 Page - elc construction electronique

  USBRS232 Datasheet HTML 1Page - elc construction electronique  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADJUSTABLE POWER SUPPLY
12 | www.elc.fr
Specifications
EAN CODE :
AL 991S
COMPLETE : Three outputs available simultaneously.
PRATICAL : Digital voltage display.
USEFUL : Setting memory.
COMPATIBLE : RS232, USB* and LABVIEW interfaces.
PROTECTED : Short circuit protection.
48 WATTS
RS232 + LABVIEW + USB*
0 to ± 15V
1A
or 0 to 30V
1A
and 2 to 5,5V
3A
and -15 to +15V
0,2A
TRIPLE + INTERFACES
Other specifications
• Safety
: Class I, enhanced safety between mains input and outputs.
Complies with EN 61010-1, overvoltage category II, pollution
degree 2.
• EMC
: Complies with EN 61326-1, performance criteria B, and
EN 55011, ISM Group I, Class B.
• Input voltage : 230V ±10%, 50 / 60 Hz.
• Mains input : Socket C14 with C13 removable cable (2 poles + earth).
• Power consumption : 100 VA max.
• Dielectric strength : 2300V from input to output,
1350V from input to chassis.
• Presentation
: screen-printed polycarbonate front panel, metal case,
epoxy finish.
Voltage
• Floating outputs on 4 mm safety sockets.
• Three outputs available simultaneously :
- Power supply A : adjustable from 0 to ±15 Volts balanced.
or 0 to 30V with the -15V terminal as reference.
- Power supply B: adjustable from + 2 to + 5,5 Volts.
- Power supply C: adjustable from - 15 to + 15Volts.
• Voltage adjustment : push-button selection of output A, B or C.
Voltage incremented and decremented by four push-buttons :
-1 V + 1 V - 0,1 V + 0,1V
Automatic storage of the three voltage settings.
• Regulation : < 20mV for a load variation from 0 to 100%.
< 10mV for a 10% line variation.
• Ripple
: < 3 mV peak to peak or 1 mV rms.
• Indicators : Three red LEDs showing the selected output for display and
adjustment.
• Display
: 14 mm 3 digit LED digital voltmeter for the three outputs.
• Resolution : 100 mV.
Currents
• Max I : 1A on output A.
3A to 5,5 Volts and 1,5A to 2 Volts on output B.
0,2A on output C.
• Display : Current limiting on one output causes the display to blink ; it shows :
“Ic.A”, “Ic.b”, “Ic.C” or “+Ic “, depending on the overloaded output(s).
Protection
• Short circuit protection, by current limit.
• Transformer primary overcurrent protection, by fuse.
• Chassis ground output on 4 mm inverted safety socket.
Interface
• RS-232 link, 9-way male SUB-D plug.
• USB option: Kit includes an adaptator null modem und RS232 cable
Software
• LG991S for Windows95* or +
• LG991S LV and base VI under LabVIEW**
Softwares are available for download on website www.elc.fr
(*is a registered trademark of Microsoft Co.)
(** (*is a registered trademark of National Instruments.)
*OPTION : USBRS232
3760244880055
335
2 5 0
3, 65 K g
13 dm 3
3, 2 Kg
2 0 0
215
335
2 5 0
3, 65 K g
13 dm 3
3, 2 Kg
2 0 0
215
LabVIEW


Similar Part No. - USBRS232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USBRS232 ETC-USBRS232 Datasheet
22Kb / 1P
USB TO RS232
More results

Similar Description - USBRS232

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5994 STMICROELECTRONICS-L5994 Datasheet
70Kb / 8P
ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Sep-1999
logo
Motorola, Inc
MC34710 MOTOROLA-MC34710 Datasheet
518Kb / 16P
Adjustable Dual Output Switching Power Supply
logo
STMicroelectronics
STEVAL-MKI109V3 STMICROELECTRONICS-STEVAL-MKI109V3 Datasheet
595Kb / 11P
Adjustable MEMS DIL24 power supply
04-Jul-2016
logo
Maxim Integrated Produc...
MAX15462C12EVKIT MAXIM-MAX15462C12EVKIT Datasheet
1Mb / 8P
42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15462BEVKIT MAXIM-MAX15462BEVKIT Datasheet
786Kb / 8P
42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15462AEVKIT MAXIM-MAX15462AEVKIT Datasheet
735Kb / 9P
42V adjustable, 0.5A DC power supply
Rev 0; 3/15
MAX15062C12EVKIT MAXIM-MAX15062C12EVKIT Datasheet
1Mb / 8P
60V adjustable, 0.5A DC power supply
Rev 1; 7/20
MAX15062AEVKIT MAXIM-MAX15062AEVKIT Datasheet
863Kb / 8P
60V adjustable, 0.5A DC power supply
Rev 1; 4/19
MAX20059EVKIT MAXIM-MAX20059EVKIT Datasheet
695Kb / 7P
Adjustable DC power supply
Rev 0; 10/18
MAX20058EVKIT MAXIM-MAX20058EVKIT Datasheet
744Kb / 7P
Adjustable DC power supply
Rev 0; 6/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com