Electronic Components Datasheet Search
  English  ▼

X  

DS4100H Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS4100H
Description  100MHz HCSL Clock Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4100H Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS4100H Datasheet HTML 1Page - Maxim Integrated Products DS4100H Datasheet HTML 2Page - Maxim Integrated Products DS4100H Datasheet HTML 3Page - Maxim Integrated Products DS4100H Datasheet HTML 4Page - Maxim Integrated Products DS4100H Datasheet HTML 5Page - Maxim Integrated Products DS4100H Datasheet HTML 6Page - Maxim Integrated Products DS4100H Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
100MHz HCSL Clock Oscillator
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1
OE
Output Enable. On-chip pullup resistor. If connected to logic-high or left open, the clock output is
enabled. If connected to logic-low, the output is three-stated.
2
RREF
Connect a 475
±1% resistor from RREF to ground.
3
GND
Ground
4
OUTP
Positive Clock Output. Requires a series resistor and a pulldown resistor.
5
OUTN
Negative Clock Output. Requires a series resistor and a pulldown resister.
6
VCC
+3.3V Supply Input. Device power can range from 3.135V to 3.465V.
7–10
N.C.
No Connection
—
EP
Exposed Paddle. Do not connect this pad or place exposed metal under the pad.
OUTPUT
BUFFER
RECEIVER
RS
Z0
CL
Z0 = 50
Ω, 35in LENGTH
RT
RT
RT = 50
Ω
RS
OUTP
OUTN
RS = 0
Ω FOR TEST, 0 TO 33Ω TO MINIMIZE RINGING IN APPLICATION.
CL = SIMULATES RECEIVER INPUT CAPACITANCE FOR TEST ONLY.
OUTP
OUTN
Z0
CL
CL = 2pF
Figure 2. Typical Termination for HCSL Driver and Test Conditions
OE
OUTP
tPZH
tPZ
0.7 x VCC
0.3 x VCC
GND
GND
OUTN
tPZL
Figure 3. HCSL Output Timing Diagram When OE is Enabled and Disabled



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com