Electronic Components Datasheet Search
  English  ▼

X  

ISL9205DIRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9205DIRZ
Description  Li-ion Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9205DIRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9205DIRZ Datasheet HTML 6Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 7Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 8Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 9Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 10Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 11Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 12Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 13Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN9252.1
May 16, 2007
During the constant voltage phase, the charge current
reduces gradually as the cell voltage rises.
Charge Termination and Recharge
As the charge current reaches the EOC (end-of-charge)
current threshold during the constant voltage phase, the
STATUS pin open-drain FET is turned off to indicate an EOC
condition. The EOC current is programmable for the
ISL9205 by connecting a resistor from the IMIN pin to GND.
For others, the EOC current is fixed at 10% of the
programmed constant charge current. If the timeout function
is available and enabled, the charger will be terminated
when the user programmed charge time limit has been
reached. If the timeout function is disabled by the TOEN pin
(ISL9205), or not available (ISL9205A), the charger will
continue to charge until the EN pin is pulled to logic LOW or
the input power has been removed. Should the charge be
terminated by the timeout function, recharge will occur when
the battery voltage falls to 150mV below the constant voltage
value. The STATUS open-drain FET is turned on when a
recharge condition is met, whether the charger is previously
terminated or not. An internal delay is implemented at the
STATUS pin for both EOC and recharge conditions to
prevent nuisance trips due to noise and fast load current
transitions. The delay time is approximately one clock cycle
(varies between 0.5 and 1.5 clock) of the internal oscillator,
which is programmed by the timer capacitor. The typical
charge waveforms in Figure 13 show the complete cycle
operation.
Temperature Monitoring and Thermal Foldback
In the event where the die temperature reaches the thermal
foldback threshold (+110°C typical), the charge current is
reduced accordingly to prevent further temperature rise. In
the ISL9205 and ISL9205D versions, there is an external
temperature monitoring function. A negative temperature
coefficient (NTC) thermistor can be connected between the
TEMP pin and GND to monitor the battery temperature or
ambient temperature. The hysteresis comparators internal to
the ISL9205 provide a valid temperature window centered at
the voltage of the TEMP pin, which is programmed by the
NTC and the pull-up resistor connected to the pin. When the
measured temperature is outside this window, the charger is
paused (both the charger and the timer are stopped) and a
fault indication is issued. If the thermistor is attached to the
battery, the TEMP function can be used to discover a battery
removal condition when the TEMP pin voltage is much
higher than the reference threshold.
POR
The power-on reset (POR) function monitors the supply
voltage. The POR has a rising edge threshold of 3.6V typical
and 2.5V typical for falling edge. The charger is expected to
operate when the input voltage is above the POR threshold.
After POR the charger will continue to operate for supply
voltage down to 2.5V typical. It is also required that the
supply voltage be higher than the VBAT pin voltage by a
typical 80mV for the charger to function.
Oscillator, TIMEOUT, and Charge Cycle
The ISL9205 incorporates with an oscillation circuit using an
external timing capacitor connected to the TIME pin. The
oscillator sets the limit for the maximum charge time during
the trickle mode and the fast mode (CC and CV). The
maximum charge time (TIMEOUT) for the fast mode is set
by:
TIMEOUT = 222tOSC
where the tOSC is the oscillator period. The minimum
programmable tOSC is 20μS (CTIME = 100pF). The time limit
for the trickle charge is 1/8 of the fast mode time limit. In the
ISL9205, the time-out function can be disabled by pulling the
TOEN pin to logic LOW. When TIMEOUT is disabled, the
charger will never be turned off after the EOC but will
indicate the EOC condition through the STATUS pin. For the
ISL9205B and the ISL9105D, the timeout function is always
enforced. For the ISL9105A, there is not timeout function.
A charge cycle is the time interval between the time when
the charger is enabled to the moment it is disabled. If the
battery voltage is lower than the trickle charge threshold at
the time the charger is enabled, the charger enters the trickle
mode and the timer is reset and its limit is set to 1/8 of
TIMEOUT. If the timeout function is enabled, the charger will
stop and indicate a TIMEOUT fault if the charge time is
longer than the limit. If the trickle mode completes
successfully before the time limit, the charger moves to CC
mode and the timer is reset and the time limit is set to
TIMEOUT. The charger needs to reach the EOC conditions
before the TIMEOUT interval elapsed, otherwise, a
TIMEOUT fault will be issued. The charger indicates the
EOC with the STATUS pin but does not terminate until the
TIMEOUT interval elapsed.
Disabling TIMEOUT with TOEN
In the ISL9205, the time-out function in fast charge state
(CC/CV) can be disabled by pulling the TOEN pin to logic
IREF
TRICKLE
CC
CV
IMIN
4.2V
TIME
2.8V
CHG
CHARGE
CURRENT
CHARGE
VOLTAGE
STATUS
INDICATION
VREC
10%
TIMEOUT
1/8 OF
TIMEOUT
IREF
FIGURE 13. TYPICAL CHARGE CYCLE WITH TIMEOUT
ISL9205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com