Electronic Components Datasheet Search
  English  ▼

X  

DP83848T Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848T
Description  Industrial Temperature Single 10/100 Ethernet Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848T Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83848T Datasheet HTML 12Page - National Semiconductor (TI) DP83848T Datasheet HTML 13Page - National Semiconductor (TI) DP83848T Datasheet HTML 14Page - National Semiconductor (TI) DP83848T Datasheet HTML 15Page - National Semiconductor (TI) DP83848T Datasheet HTML 16Page - National Semiconductor (TI) DP83848T Datasheet HTML 17Page - National Semiconductor (TI) DP83848T Datasheet HTML 18Page - National Semiconductor (TI) DP83848T Datasheet HTML 19Page - National Semiconductor (TI) DP83848T Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 78 page
background image
www.national.com
16
2.1.3 Auto-Negotiation Parallel Detection
The DP83848T supports the Parallel Detection function as
defined in the IEEE 802.3u specification. Parallel Detec-
tion requires both the 10 Mb/s and 100 Mb/s receivers to
monitor the receive signal and report link status to the
Auto-Negotiation function. Auto-Negotiation uses this
information to configure the correct technology in the
event that the Link Partner does not support Auto-Negoti-
ation but is transmitting link signals that the 100BASE-TX
or 10BASE-T PMAs recognize as valid link signals.
If the DP83848T completes Auto-Negotiation as a result
of Parallel Detection, bit 5 or bit 7 within the ANLPAR reg-
ister will be set to reflect the mode of operation present in
the Link Partner. Note that bits 4:0 of the ANLPAR will also
be set to 00001 based on a successful parallel detection
to indicate a valid 802.3 selector field. Software may
determine that negotiation completed via Parallel Detec-
tion by reading a zero in the Link Partner Auto-Negotiation
Able bit once the Auto-Negotiation Complete bit is set. If
configured for parallel detect mode and any condition
other than a single good link occurs then the parallel
detect fault bit will be set.
2.1.4 Auto-Negotiation Restart
Once Auto-Negotiation has completed, it may be restarted
at any time by setting bit 9 (Restart Auto-Negotiation) of
the BMCR to one. If the mode configured by a successful
Auto-Negotiation loses a valid link, then the Auto-Negotia-
tion process will resume and attempt to determine the
configuration for the link. This function ensures that a valid
configuration is maintained if the cable becomes discon-
nected.
A renegotiation request from any entity, such as a man-
agement agent, will cause the DP83848T to halt any
transmit
data
and
link
pulse
activity
until
the
break_link_timer expires (~1500 ms). Consequently, the
Link Partner will go into link fail and normal Auto-Negotia-
tion resumes. The DP83848T will resume Auto-Negotia-
tion after the break_link_timer has expired by issuing FLP
(Fast Link Pulse) bursts.
2.1.5 Enabling Auto-Negotiation via Software
It is important to note that if the DP83848T has been ini-
tialized upon power-up as a non-auto-negotiating device
(forced technology), and it is then required that Auto-
Negotiation or re-Auto-Negotiation be initiated via soft-
ware, bit 12 (Auto-Negotiation Enable) of the Basic Mode
Control Register (BMCR) must first be cleared and then
set for any Auto-Negotiation function to take effect.
2.1.6 Auto-Negotiation Complete Time
Parallel detection and Auto-Negotiation take approxi-
mately 2-3 seconds to complete. In addition, Auto-Negoti-
ation with next page should take approximately 2-3
seconds to complete, depending on the number of next
pages sent.
Refer to Clause 28 of the IEEE 802.3u standard for a full
description of the individual timers related to Auto-Negoti-
ation.
2.2 Auto-MDIX
When enabled, this function utilizes Auto-Negotiation to
determine the proper configuration for transmission and
reception of data and subsequently selects the appropri-
ate MDI pair for MDI/MDIX operation. The function uses a
random seed to control switching of the crossover cir-
cuitry. This implementation complies with the correspond-
ing
IEEE
802.3
Auto-Negotiation
and
Crossover
Specifications.
Auto-MDIX is enabled by default and can be configured
via strap or via PHYCR (0x19h) register, bits [15:14].
Neither Auto-Negotiation nor Auto-MDIX is required to be
enabled in forcing crossover of the MDI pairs. Forced
crossover can be achieved through the FORCE_MDIX bit,
bit 14 of PHYCR (0x19h) register.
Note: Auto-MDIX will not work in a forced mode of opera-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com