Electronic Components Datasheet Search
  English  ▼

X  

TPC50 Datasheet(PDF) 3 Page - Hubbell Incorporated.

Part # TPC50
Description  50 Amp Twist-Lock® Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBBELL [Hubbell Incorporated.]
Direct Link  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

TPC50 Datasheet(HTML) 3 Page - Hubbell Incorporated.

  TPC50 Datasheet HTML 1Page - Hubbell Incorporated. TPC50 Datasheet HTML 2Page - Hubbell Incorporated. TPC50 Datasheet HTML 3Page - Hubbell Incorporated. TPC50 Datasheet HTML 4Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Receptacle
Flanged Inlet
with Lift Cover
Plug
Plug
Connector
Connector
Accessories for FS/FD Box Mounting
Description
Catalog Number
Weatherproof receptacle
lift cover plates
Corrosion resistant thermoplastic
Gray
Yellow
HBL7774WO
HBL77CM74WO
Cast aluminum
HBL7770
Receptacle plates
Cast aluminum; for use with
HBL® Series 50A Twist-Lock devices
with lift cover
no lift cover
HBL7382*
HBL7383
Stainless steel single gang wallplate
SS750
*Not UL Listed “WDL Closed” | IP20 suitability
Receptacle ½” Raised Cover
Description
Catalog Number
Galvanized steel; fits 4” square or 2-gang box
HBL50SC
IP20 suitability
Weatherproof Boots
Description
Catalog Number
Seal-Tite® triple seal black
elastomeric cover
for plugs when used with cord sets and
for connector bodies when used with flanged inlets
HBL7716C†
for connector bodies when used with cord sets
HBL7717C†
†Not UL Listed
Inlet Closure Plug
Description
Catalog Number
Black closure plug
HBL4892†
†Not UL Listed
Replacement Parts
Description
Catalog Number
Cord clamp kit
HBLCSCK
Conduit Adapters
Description
NPT Thread Size
Catalog Number
Thermoplastic housing
for use with CS style 50A Twist-Lock® devices
½”
¾”
1”
CS50CA05
CS50CA34
CS50CA10
HBL® Series 50A Twist-Lock® Devices
Description
Cord Diameter
Rating
Plugs
Nylon housing,
thermoplastic polyester interior
.830"-1.250"
(21.08-31.75)
50A 250V DC
50A 600V AC
HBL3763C HBL3765C HBL7765C
Connector body
Nylon housing,
thermoplastic polyester interior
.830"-1.250"
(21.08-31.75)
50A 250V DC
50A 600V AC
HBL3762C HBL3764C HBL7764C
Flanged inlet
Zinc plated steel casing,
thermoset interior
—
50A 250V DC
50A 600V AC
HBL3777
HBL3775
HBL7958
Zinc plated steel casing,
thermoset interior with lift cover
—
50A 250V DC
50A 600V AC
HBL3767
HBL3768
HBL7968
Receptacle
Black phenolic
—
50A 250V DC
50A 600V AC
HBL3771
HBL3769
HBL7379
Female configuration shown.
Accessories



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com