Electronic Components Datasheet Search
  English  ▼

X  

LTC1069-1 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC1069-1
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-1 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC1069-1 Datasheet HTML 4Page - Analog Devices LTC1069-1 Datasheet HTML 5Page - Analog Devices LTC1069-1 Datasheet HTML 6Page - Analog Devices LTC1069-1 Datasheet HTML 7Page - Analog Devices LTC1069-1 Datasheet HTML 8Page - Analog Devices LTC1069-1 Datasheet HTML 9Page - Analog Devices LTC1069-1 Datasheet HTML 10Page - Analog Devices LTC1069-1 Datasheet HTML 11Page - Analog Devices LTC1069-1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1164-6
11646fa
S
APPLICATI
I FOR ATIO
and 1kHz cutoff frequency receives a 98.5kHz, 10mVRMS
input signal, a 1.5kHz, 10
µVRMS alias signal will appear at
its output. When the LTC1164-6 operates with a clock-to-
cutoff frequency of 50:1, aliasing occurs at twice the clock
frequency. Table 5 shows details.
Table 4. Maximum VIN vs VS and fCLK
POWER SUPPLY
MAXIMUM fCLK
MAXIMUM VIN
±7.5V
1.5MHz
1VRMS (fIN > 35kHz)
1MHz
3VRMS (fIN > 25kHz)
≥1MHz
0.7VRMS (fIN > 250kHz)
±5V
1MHz
2.5VRMS (fIN > 25kHz)
1MHz
0.5VRMS (fIN > 100kHz)
Single 5V
1MHz
0.7VRMS (fIN > 25kHz)
1MHz
0.5VRMS (fIN > 100kHz)
Table 5. Aliasing (fCLK = 100kHz)
INPUT FREQUENCY
OUTPUT LEVEL
OUTPUT FREQUENCY
(VIN = 1VRMS)
(Relative to Input)
(Aliased Frequency)
(kHz)
(dB)
(kHz)
fCLK/fC = 100:1, fCUTOFF = 1kHz
96
(or 104)
–75.0
4.0
97
(or 103)
– 68.0
3.0
98
(or 102)
– 65.0
2.0
98.5 (or 101.5)
– 60.0
1.5
99
(or 101)
– 3.2
1.0
99.5 (or 100.5)
– 0.5
0.5
fCLK/fC = 50:1, fCUTOFF = 2kHz
192 (or 208)
– 76.0
8.0
194 (or 206)
– 68.0
6.0
196 (or 204)
– 63.0
4.0
198 (or 202)
– 3.4
2.0
199 (or 201)
– 1.3
1.0
199.5(or 200.5)
– 0.9
0.5
Table 6. Transient Response of LTC Lowpass Filters
DELAY
RISE
SETTLING OVER-
TIME*
TIME**
TIME***
SHOOT
LOWPASS FILTER
(SEC)
(SEC)
(SEC)
(%)
LTC1064-3 Bessel
0.50/fC
0.34/fC
0.80/fC
0.5
LTC1164-5 Linear Phase
0.43/fC
0.34/fC
0.85/fC
0
LTC1164-6 Linear Phase
0.43/fC
0.34/fC
1.15/fC
1
LTC1264-7 Linear Phase
1.15/fC
0.36/fC
2.05/fC
5
LTC1164-7 Linear Phase
1.20/fC
0.39/fC
2.20/fC
5
LTC1064-7 Linear Phase
1.20/fC
0.39/fC
2.20/fC
5
LTC1164-5 Butterworth
0.80/fC
0.48/fC
2.40/fC
11
LTC1164-6 Elliptic
0.85/fC
0.54/fC
4.30/fC
18
LTC1064-4 Elliptic
0.90/fC
0.54/fC
4.50/fC
20
LTC1064-1 Elliptic
0.85/fC
0.54/fC
6.50/fC
20
* To 50%
±5%, ** 10% to 90% ±5%, *** To 1% ±0.5%
8th Order Elliptic Lowpass Filter
(fCLK/fC) = 50:1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LTC1164-6
VIN
VOUT
fCLK
V+
NOTES:
1. OPTIONAL OUTPUT BUFFER
1/2
πRC = (2)(fCUTOFF)
2. PINS 1, 8, 13 CAN BE GROUNDED
OR LEFT FLOATING
1164-6 TA06
C
–
+
V –
0.1
µF
R
V+
V –
LT®1006
0.1
µF
V+
INPUT
90%
50%
10%
OUTPUT
tr
td
ts
1164-6 F04
RISE TIME (tr) =
±5%
0.54
fCUTOFF
SETTLING TIME (ts) =
±5%
(TO 1% of OUTPUT)
4.3
fCUTOFF
TIME DELAY (td) = GROUP DELAY ≈
(TO 50% OF OUTPUT)
0.85
fCUTOFF
Figure 4
S
APPLICATI
TYPICAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com