Electronic Components Datasheet Search
  English  ▼

X  

DS14C238WM Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS14C238WM
Description  Single Supply TIA/EIA-232 4X4 Driver/Receiver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS14C238WM Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS14C238WM Datasheet HTML 1Page - National Semiconductor (TI) DS14C238WM Datasheet HTML 2Page - National Semiconductor (TI) DS14C238WM Datasheet HTML 3Page - National Semiconductor (TI) DS14C238WM Datasheet HTML 4Page - National Semiconductor (TI) DS14C238WM Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Switching Characteristics (Note 4)
Over recommended operating conditions, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER CHARACTERISTICS
t
PLH
Propagation Delay LOW to HIGH
R
L =3k
Ω
0.7
4.0
µs
t
PHL
Propagation Delay HIGH to LOW
C
L = 50 pF
0.6
4.0
µs
t
sk
Skew |t
PLH–tPHL |(Figures 1, 2)
0.1
1.0
µs
SR1
Output Slew Rate
R
L =3k
Ω to7kΩ,C
L = 50 pF
4.0
15
30
V/µs
SR2
Output Slew Rate
R
L =3k
Ω,C
L = 2500 pF
3.0
5.0
V/µs
RECEIVER CHARACTERISTICS
t
PLH
Propagation Delay LOW to HIGH
Input Pulse Width > 10 µs
2.0
6.5
µs
t
PHL
Propagation Delay HIGH to LOW
C
L = 50 pF
2.8
6.5
µs
t
SK
Skew | t
PLH–tPHL |(Figures 3, 4)
0.8
2.0
µs
t
NW
Noise Pulse Width Rejected
(Figures 3, 4)
2.5
1.0
µs
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: IOS+ and IOS− values are for one output at a time. If more than one output is shorted simultaneously, the device power dissipation may be exceeded.
Note 4: Receiver AC input waveform for test purposes: tr =tf = 200 ns, VIH =3V, VIL =−3V,f=64kHz (128 kbits/sec). Driver AC input waveform for test purposes:
tr =tf ≤ 10 ns, VIH =3V, VIL =0V,f=64kHz (128 kbits/sec).
Note 5: All typicals are given for VCC = 5.0V and TA = +25˚C.
Note 6: Ratings apply to ambient temperature at +25˚C. Above this temperature derate: WM package 13.5 mW/˚C.
Parameter Measurement Information
01128204
FIGURE 1. Driver Load Circuit
01128205
FIGURE 2. Driver Switching Waveform
01128206
FIGURE 3. Receiver Load Circuit
www.national.com
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com