Electronic Components Datasheet Search
  English  ▼

X  

LTC1064 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC1064
Description  Low Power, Linear Phase 8th Order Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1064 Datasheet(HTML) 3 Page - Analog Devices

  LTC1064 Datasheet HTML 1Page - Analog Devices LTC1064 Datasheet HTML 2Page - Analog Devices LTC1064 Datasheet HTML 3Page - Analog Devices LTC1064 Datasheet HTML 4Page - Analog Devices LTC1064 Datasheet HTML 5Page - Analog Devices LTC1064 Datasheet HTML 6Page - Analog Devices LTC1064 Datasheet HTML 7Page - Analog Devices LTC1064 Datasheet HTML 8Page - Analog Devices LTC1064 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1164-7
11647fb
ELECTRICAL C
C
HARA TERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Group Delay (td)(fCLK/fC) = 50:1, f ≥ fCUTOFF
151.0
± 1
µs
td = (1/360)(f/fC)(fCLK/fC) = 100:1, f ≥ fCUTOFF
297.2
± 1
µs
(Note 3)
(fCLK/fC) = 50:1, f ≥ fCUTOFF
●
149.3
153.5
µs
(fCLK/fC) = 100:1, f ≥ fCUTOFF
●
293.8
301.4
µs
Group Delay Deviation
(fCLK/fC) = 50:1, f ≥ fCUTOFF
±1.0
%
(Note 3)
(fCLK/fC) = 100:1, f ≥ fCUTOFF
±1.0
%
(fCLK/fC) = 50:1, f ≥ fCUTOFF
●
±2.0
%
(fCLK/fC) = 100:1, f ≥ fCUTOFF
●
±2.5
%
Input Frequency Range (Table 9)
(fCLK/fC) = 50:1
<fCLK
kHz
(fCLK/fC) = 100:1
<fCLK/2
kHz
Maximum fCLK
VS = Single 5V (Pins 3 and 5 at 2V)
1
MHz
VS = ±5V
1
MHz
VS = ±7.5V
1
MHz
Clock Feedthrough (f = fCLK)
50:1,
±5V, Input at GND
100
µVRMS
Wideband Noise
VS = ±2.5V
95
± 5%
µVRMS
(1Hz
≤ f < fCLK)VS = ±5V
105
± 5%
µVRMS
VS = ±7.5V
115
± 5%
µVRMS
Input Impedance
35
55
90
k
Ω
Output DC Voltage Swing (Note 4)
VS = ±2.375V
±1.25
±1.4
V
VS = ±5V
●
±3.70
±3.9
V
VS = ±7.5V
●
±5.40
±6.1
V
Output DC Offset
50:1, VS = ±5V
±100
±220
mV
100:1, VS = ±5V
±100
mV
Output DC Offset TempCo
50:1, VS = ±5V
±200
µV/°C
100:1, VS = ±5V
±200
µV/°C
Power Supply Current
VS = ±2.375V, TA = 25°C
2.5
4.0
mA
●
4.5
mA
VS = ±5V, TA = 25°C
4.5
7.0
mA
●
8.0
mA
VS = ±7.5V, TA = 25°C
7.0
11.0
mA
●
12.5
mA
Power Supply Range
±2.375
±8V
Note 1: Absolute Maximum Ratings are those values beyond which the life of a
device may be impaired.
Note 2: Input frequencies, f, are linearly phase shifted through the filter as long as
f
≤ fC; fC = cutoff frequency.
Figure 1 curve shows the typical phase response of an LTC1164-7 operating at
fCLK = 400kHz, fC = 8kHz and it closely matches an ideal straight line. The phase
shift is described by: phase shift = 180
° – F (f/fC); f ≤ fC.
F is arbitrarily called the “phase factor” expressed in degrees. The phase factor
together with the specified deviation from the ideal straight line allows the
calculation of the phase at a given frequency. Example: The phase shift at 7kHz of
the LTC1164-7 shown in Figure 1 is: phase shift = 180
° – 434° (7kHz/10kHz) ±
nonlinearity = –123.8
° ± 1% or –123.9°± 1.24°.
Note 3: Group delay and group delay deviation are calculated from the measured
phase factor and phase deviation specifications.
Note 4: The AC swing is typically 11VP-P, 7VP-P, 2.8VP-P for ±7.5V, ±5V, ±2.5V
supply respectively. For more information refer to the THD + Noise vs Input graphs.
Figure 1. Phase Response in the Passband (Note 1)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±7.5V, RL = 10k, fCUTOFF = 8kHz or 4kHz, fCLK = 400kHz, TTL or CMOS
level and all gain measurements are referenced to passband gain, unless otherwise specified. (Maximum clock rise or fall time
≤ 1µs.)
The filter cutoff frequency is abbreviated as fCUTOFF or fC.
FREQUENCY (kHz)
0
–360
–270
–180
–90
0
90
180
246
8
1164-7 F01
10
13
57
9
fCLK = 500kHz
(fCLK/fC) = 50:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com