Electronic Components Datasheet Search
  English  ▼

X  

LTC1069-6 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC1069-6
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1069-6 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC1069-6 Datasheet HTML 4Page - Analog Devices LTC1069-6 Datasheet HTML 5Page - Analog Devices LTC1069-6 Datasheet HTML 6Page - Analog Devices LTC1069-6 Datasheet HTML 7Page - Analog Devices LTC1069-6 Datasheet HTML 8Page - Analog Devices LTC1069-6 Datasheet HTML 9Page - Analog Devices LTC1069-6 Datasheet HTML 10Page - Analog Devices LTC1069-6 Datasheet HTML 11Page - Analog Devices LTC1069-6 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1164-6
11646fa
S
APPLICATI
TYPICAL
8th Order Elliptic Lowpass Filter (fCLK/fC) = 100:1
8th Order Linear Phase Lowpass Filter (fCLK/fC) = 160:1
8th Order 20kHz Cutoff, Elliptic Filter Operating with a Single 5V Supply and Driving 1k, 1000pF Load
THD + Noise vs Frequency
Gain vs Frequency
FREQUENCY (kHz)
1
5
1164-6 TA05
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
10
VS = SINGLE 5V
IS = 5mA, 16TH ORDER
ELLIPTIC LOWPASS
VIN = 0.5VRMS
fCLK = 540kHz
fC = 10kHz
FREQUENCY (kHz)
1
10
1164-6 TA04
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
30
VS = SINGLE 5V
IS = 5mA, 16TH ORDER
ELLIPTIC LOWPASS
fCLK = 540kHz
fCUTOFF = 10kHz
Single 5V, 16th Order Lowpass Filter fCUTOFF = 10kHz
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
5V
fCLK
1164-6 TA03
LTC1164-6
1
µF
15k
10k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IC1
C1
0.01
µF
R1
789
Ω
5V
0.1
µF
1k
5V
0.1
µF
5V
IC2
LTC1164-6
R2
7.89k
C2
0.001
µF
VOUT
+
VS = SINGLE 5V, IS = 5mA TYP
16TH ORDER LOWPASS FILTER
FIXED fCUTOFF, fCLK = 540kHz
fCUTOFF = 10kHz
(fCLK/fC) = 54:1
1/2
πR1C1 = 1/2πR2C2 = 2fCUTOFF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LTC1164-6
VIN
VOUT
fCLK
= 1MHz
5V
NOTES:
1. TOTAL SUPPLY CURRENT IS = 4mA
(EXCLUDING OUTPUT LOAD CURRENT)
2. FLAT PASSBAND UP TO 18kHz,
f–3dB = 20kHz
3. THD + NOISE
≤ –70dB,
1VP-P ≤ VIN ≤ 3VP-P, fIN = 1kHz
1164-6 TA09
1k
–
+
510pF
LT1200
0.1
µF
5V
10k
6.65k
0.1
µF
10k
51.1k
5V
2
3
4
7
5V
1000pF
1k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LTC1164-6
VIN
VOUT
fCLK
1164-6 TA07
V –
0.1
µF
0.1
µF
V+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LTC1164-6
VIN
VOUT
fCLK
1164-6 TA08
V –
0.1
µF
0.1
µF
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com