Electronic Components Datasheet Search
  English  ▼

X  

C5750 Datasheet(PDF) 16 Page - TDK Electronics

Part # C5750
Description  MULTILAYER CERAMIC CHIP CAPACITORS Commercial grade, mid voltage (100 to 630V)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C5750 Datasheet(HTML) 16 Page - TDK Electronics

Back Button C5750 Datasheet HTML 12Page - TDK Electronics C5750 Datasheet HTML 13Page - TDK Electronics C5750 Datasheet HTML 14Page - TDK Electronics C5750 Datasheet HTML 15Page - TDK Electronics C5750 Datasheet HTML 16Page - TDK Electronics C5750 Datasheet HTML 17Page - TDK Electronics C5750 Datasheet HTML 18Page - TDK Electronics C5750 Datasheet HTML 19Page - TDK Electronics C5750 Datasheet HTML 20Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
20250326 / mlcc_commercial_midvoltage_en
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
(16/25)
MULTILAYER CERAMIC CHIP CAPACITORS
■Gray items: These products are not recommended for new designs.
Click the part numbers for details.
Capacitance range table
Temperature characteristic: C0G (–55 to +125°C,0±30ppm/°C)
Capacitance
Dimensions
Thickness
(mm)
Capacitance
tolerance
Catalog number
Rated voltage Edc: 630V
Rated voltage Edc: 450V
Rated voltage Edc: 250V
Rated voltage Edc: 100V
4.7nF
1608
0.80±0.10
±10%
C1608C0G2A472K080AC
±5%
C1608C0G2A472J080AC
2012
1.25±0.20
±10%
C2012C0G2W472K125AA
C2012C0G2E472K125AA
C2012C0G2A472K125AA
±5%
C2012C0G2W472J125AA
C2012C0G2E472J125AA
C2012C0G2A472J125AA
3216
0.85±0.15
±10%
C3216C0G2J472K085AA
C3216C0G2A472K085AA
±5%
C3216C0G2J472J085AA
C3216C0G2A472J085AA
1.15±0.15
±10%
C3216C0G2E472K115AA
±5%
C3216C0G2E472J115AA
3225
1.60±0.20
±10%
C3225C0G2J472K160AA
±5%
C3225C0G2J472J160AA
5.6nF
1608
0.80±0.10
±10%
C1608C0G2A562K080AC
±5%
C1608C0G2A562J080AC
2012
1.25±0.20
±10%
C2012C0G2W562K125AA
C2012C0G2E562K125AA
C2012C0G2A562K125AA
±5%
C2012C0G2W562J125AA
C2012C0G2E562J125AA
C2012C0G2A562J125AA
3216
0.85±0.15
±10%
C3216C0G2A562K085AA
±5%
C3216C0G2A562J085AA
1.15±0.15
±10%
C3216C0G2J562K115AA
C3216C0G2E562K115AA
±5%
C3216C0G2J562J115AA
C3216C0G2E562J115AA
3225
1.60±0.20
±10%
C3225C0G2J562K160AA
±5%
C3225C0G2J562J160AA
6.8nF
1608
0.80±0.10
±10%
C1608C0G2A682K080AC
±5%
C1608C0G2A682J080AC
2012
1.25±0.20
±10%
C2012C0G2E682K125AA
C2012C0G2A682K125AA
±5%
C2012C0G2E682J125AA
C2012C0G2A682J125AA
3216
1.15±0.15
±10%
C3216C0G2J682K115AA
C3216C0G2W682K115AA
C3216C0G2A682K115AA
±5%
C3216C0G2J682J115AA
C3216C0G2W682J115AA
C3216C0G2A682J115AA
1.60±0.20
±10%
C3216C0G2E682K160AA
±5%
C3216C0G2E682J160AA
3225
2.00±0.20
±10%
C3225C0G2J682K200AA
±5%
C3225C0G2J682J200AA
8.2nF
1608
0.80±0.10
±10%
C1608C0G2A822K080AC
±5%
C1608C0G2A822J080AC
2012
1.25±0.20
±10%
C2012C0G2E822K125AA
C2012C0G2A822K125AA
±5%
C2012C0G2E822J125AA
C2012C0G2A822J125AA
3216
1.15±0.15
±10%
C3216C0G2W822K115AA
C3216C0G2A822K115AA
±5%
C3216C0G2W822J115AA
C3216C0G2A822J115AA
1.60±0.20
±10%
C3216C0G2J822K160AA
C3216C0G2E822K160AA
±5%
C3216C0G2J822J160AA
C3216C0G2E822J160AA
3225
1.25±0.20
±10%
C3225C0G2J822K125AA
±5%
C3225C0G2J822J125AA
4532
1.60±0.20
±10%
C4532C0G2J822K160KA
±5%
C4532C0G2J822J160KA
10nF
1608
0.80±0.10
±10%
C1608C0G2A103K080AC
±5%
C1608C0G2A103J080AC
2012
1.25±0.20
±10%
C2012C0G2E103K125AA
C2012C0G2A103K125AA
±5%
C2012C0G2E103J125AA
C2012C0G2A103J125AA
3216
1.15±0.15
±10%
C3216C0G2E103K115AA
C3216C0G2A103K115AA
±5%
C3216C0G2E103J115AA
C3216C0G2A103J115AA
1.60±0.20
±10%
C3216C0G2J103K160AA
C3216C0G2W103K160AA
±5%
C3216C0G2J103J160AA
C3216C0G2W103J160AA
3225
1.25±0.20
±10%
C3225C0G2J103K125AA
±5%
C3225C0G2J103J125AA
1.60±0.20
±10%
C3225C0G2E103K160AA
±5%
C3225C0G2E103J160AA
4532
1.60±0.20
±10%
C4532C0G2J103K160KA
±5%
C4532C0G2J103J160KA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com