Electronic Components Datasheet Search
  English  ▼

X  

LTC1164ACSW Datasheet(PDF) 6 Page - Analog Devices

Part # LTC1164ACSW
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1164ACSW Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC1164ACSW Datasheet HTML 2Page - Analog Devices LTC1164ACSW Datasheet HTML 3Page - Analog Devices LTC1164ACSW Datasheet HTML 4Page - Analog Devices LTC1164ACSW Datasheet HTML 5Page - Analog Devices LTC1164ACSW Datasheet HTML 6Page - Analog Devices LTC1164ACSW Datasheet HTML 7Page - Analog Devices LTC1164ACSW Datasheet HTML 8Page - Analog Devices LTC1164ACSW Datasheet HTML 9Page - Analog Devices LTC1164ACSW Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC1164
6
1164fa
TYPICAL PERFOR A CE CHARACTERISTICS
Mode 1, (fCLK/fO) = 50:1
Mode 3, (fCLK/fO) = 50:1
Mode 1, (fCLK/fO) = 100:1
Mode 3, (fCLK/fO) = 100:1
Mode 3 Q Error vs Ideal Q
Wideband Noise vs Q
Total Harmonic Distortion vs
Output Amplitude
Power Supply Current vs Voltage
LTC1164 • TPC01
CENTER FREQUENCY, fO (kHz)
0
0
1
2
0
10
30
10
5
20
15
30 35
45
55
25
40
50
60
20
0.5
1.5
–5
5
25
15
TA = 25°C
VS = ±7.5V
VS = ±7.5V
Q = 7
Q = 7
Q = 7
Q = 2.5
Q = 2.5
Q = 2.5
Q = 7 Q = 2.5
VS = ±2.5V
VS = ±2.5V
LTC1164 • TPC02
CENTER FREQUENCY, fO (kHz)
0
0
1
2
0
10
30
5
10
15
20
25
30
20
0.5
1.5
–5
5
25
15
TA = 25°C
VS = ±7.5V
VS = ±7.5V
Q = 7
Q = 7
Q = 7
Q = 2.5
Q = 2.5
Q = 2.5
Q = 7
Q = 2.5
VS = ±2.5V
VS = ±2.5V
LTC1164 • TPC03
CENTER FREQUENCY, fO (kHz)
0
1
2
0
10
30
20
0.5
1.5
–5
5
25
15
TA = 25°C
VS = ±7.5V
VS = ±7.5V
Q = 7
Q = 7
Q = 2.5
Q = 2.5
Q = 7
VS = ±2.5V
VS = ±2.5V
0
10
5
20
15
30 35
45
55
25
40
50
60
Q = 7
Q = 2.5
Q = 2.5
LTC1164 • TPC04
CENTER FREQUENCY, fO (kHz)
0
1
2
0
10
30
20
0.5
1.5
–5
5
25
15
TA = 25°C
VS = ±7.5V
VS = ±7.5V
Q = 7
Q = 7
Q = 2.5
Q = 2.5
Q = 7
VS = ±2.5V
VS = ±2.5V
0
5
10
15
20
25
30
Q = 7
Q = 2.5
Q = 2.5
LTC1164 • TPC05
IDEAL Q
0
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
–11
34
2
6
8
7
1
5
9
10 11
TA = 25°C
VS = ±5V
50:1 fCLK = 200kHz
100:1 fCLK = 400kHz
100:1
50:1
LTC1164 • TPC06
Q
0
0
40
80
120
160
240
4
2
8
612 14
18
22
10
16
20
24
200
20
60
100
140
220
180
±7.5V
±5.0V
±2.5V
ONE SECOND ORDER SECTION
LP OR BP OUTPUT
MODE 1, 2, OR 3 100:1 OR 50:1
LTC1164 • TPC07
AMPLITUDE (VRMS)
0.5
0.010
0.1
1
1.0
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0.001
VS = ±2.5V
VS = ±7.5V
VS = ±5V
fIN = 1kHz
fCLK = 250kHz
50:1 R1 = R2 = R3 = R4 = 25k
LTC1164 • TPC08
±VSUPPLY (V)
±2.500 ±3.500
±4.500 ±5.500 ±6.500 ±7.500
8.000
1.600
6.400
0.000
4.800
3.200
–55°C
fCLK ≤ 500kHz
25°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com