Electronic Components Datasheet Search
  English  ▼

X  

41830 Datasheet(PDF) 1 Page - Wiha Tools

Part # 41830
Description  TY bit set 29 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

41830 Datasheet(HTML) 1 Page - Wiha Tools

  41830 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
224
Which drives are used for each individual product? Page 304
XLSelector T bit set, 50 mm
Phillips, TORX®, hex 13-pcs. 1/4"
SB 7948-T950
Order-No.
41831
6
1 x PH1  / 1 x PH2  / 1 x PH3
1 x SW3  / 1 x SW4  / 1 x SW5  / 1 x SW6
1 x T15  / 1 x T20  / 1 x T25  / 1 x T30  / 1 x T40
1 x Bit holder magnetic extra strong magnet, 1/4"
•compared to Wiha standard bit
XLSelector T bit set, 25 mm
Phillips, TORX®, hex 31-pcs. 1/4"
SB 7948-T999
Order-No.
41830
6
2 x PH1  / 4 x PH2  / 2 x PH3
2 x SW3  / 2 x SW4  / 2 x SW5  / 2 x SW6
2 x T10  / 2 x T15  / 4 x T20  / 2 x T25  / 2 x T30  / 2 x T40
1 x Bit holder magnetic extra strong magnet, 1/4"
•compared to Wiha standard bit
•compared to Wiha standard bit
TY bit set 29 mm
Order-No.
42096
5 x PH1
6
42100
5 x PH2
6
42101
5 x PH3
6
42149
5 x PZ1
6
42102
5 x PZ2
6
42103
5 x PZ3
6
42104
5 x SW3
6
42105
5 x SW4
6
42106
5 x SW5
6
42107
5 x SW6
6
42108
5 x T10
6
42109
5 x T15
6
42110
5 x T20
6
42111
5 x T25
6
42112
5 x T27
6
42113
5 x T30
6
42150
5 x T40
6


Similar Part No. - 41830

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
4183 ADAFRUIT-4183 Datasheet
789Kb / 2P
Soft Silicone Top 6mm Push-buttons (20- pack) - Translucent
5-29-19
logo
Lattice Semiconductor
418311170804 LATTICE-418311170804 Datasheet
3Mb / 32P
ECP5 Versa Development Board User Guide
Version 2.3, September 2018
logo
Wurth Elektronik GmbH &...
4183111708XX WURTH-4183111708XX Datasheet
108Kb / 1P
WS-DISU, Piano type, SMD version, flat Actuator without top tape sealed
4183112708XX WURTH-4183112708XX Datasheet
115Kb / 1P
WS-DISU, Piano type SMD version, raise Actuator without top tape sealed
logo
Weidmuller
4183130000 WEIDMULLER-4183130000 Datasheet
744Kb / 20P
Component Carriers and Housings
More results

Similar Description - 41830

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TY-141P TRIAD-TY-141P Datasheet
43Kb / 1P
TY-141P
TY-142P TRIAD-TY-142P Datasheet
53Kb / 1P
TY-142P
TY-144P TRIAD-TY-144P Datasheet
53Kb / 1P
TY-144P
TY-300P TRIAD-TY-300P Datasheet
40Kb / 1P
TY-300P
TY-301P TRIAD-TY-301P Datasheet
40Kb / 1P
TY-301P
TY-302P TRIAD-TY-302P Datasheet
41Kb / 1P
TY-302P
TY-303P TRIAD-TY-303P Datasheet
45Kb / 1P
TY-303P
TY-304P TRIAD-TY-304P Datasheet
42Kb / 1P
TY-304P
logo
PHOENIX CONTACT
1209952 PHOENIX-1209952 Datasheet
48Kb / 3P
Tool set - ASD BIT SET HN
1212545 PHOENIX-1212545 Datasheet
47Kb / 2P
Tool set - SF-BIT SET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com