Electronic Components Datasheet Search
  English  ▼

X  

PAC128421 Datasheet(PDF) 1 Page - Glamox

Part # PAC128421
Description  PACO G2-93 REFLECTOR36°
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

PAC128421 Datasheet(HTML) 1 Page - Glamox

  PAC128421 Datasheet HTML 1Page - Glamox PAC128421 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
1/2
PACO G2-93 REFLECTOR
36°
Item No.
PAC128421
GTIN
5903531284213
Stock status code
A
Picture may differ from product
Technical specifications
Light Technical Data
Light Source Included
false
Dimensions
Item Net Weight (kg)
0.046
Logistic Data
Item Gross Weight (kg)
0.05


Similar Part No. - PAC128421

ManufacturerPart #DatasheetDescription
logo
Glamox
PAC128420 GLAMOX-PAC128420 Datasheet
84Kb / 2P
PACO G2-93 REFLECTOR15°
PAC128422 GLAMOX-PAC128422 Datasheet
86Kb / 2P
PACO G2-106 REFLECTOR15°
PAC128424 GLAMOX-PAC128424 Datasheet
84Kb / 2P
PACO G2-106 REFLECTOR36°
PAC128425 GLAMOX-PAC128425 Datasheet
132Kb / 2P
PACO G2-83 honeycomb
PAC128426 GLAMOX-PAC128426 Datasheet
132Kb / 2P
PACO G2-93 honeycomb
More results

Similar Description - PAC128421

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-3M30-G2 GILWAY-GHB-3M30-G2 Datasheet
3Mb / 3P
GHB-3M30-G2
logo
EPCOS
B67345 EPCOS-B67345 Datasheet
96Kb / 4P
Ferrites and accessories UU 93/152/16, UI 93/104/16 Core set
logo
Pasternack Enterprises,...
RG62A-U PASTERNACK-RG62A-U Datasheet
100Kb / 1P
93 OHM COAXIAL CABLE
logo
List of Unclassifed Man...
IW-SMG2N1 ETC2-IW-SMG2N1 Datasheet
1Mb / 25P
Nano WiReach G2 N1
8255 ETC2-8255 Datasheet
101Kb / 3P
93 Ohm
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
logo
Rosenberger Hochfrequen...
71S102-110N5 ROSENBERGER-71S102-110N5 Datasheet
81Kb / 2P
STRAIGHT PLUG FOR 93 CABLE
logo
Pulse A Technitrol Comp...
JTH-0024NL PULSE-JTH-0024NL Datasheet
314Kb / 4P
CONN,RJ45,1X1,10G,G2
logo
Ledil, Inc.
C17539 LEDIL-C17539 Datasheet
1Mb / 3P
Colour mixing sublens for BARBARA-G2 and BROOKE-G2
logo
Kingston Technology Far...
DTEG2 KINGSTON-DTEG2 Datasheet
269Kb / 2P
DataTraveler Elite G2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com