Electronic Components Datasheet Search
  English  ▼

X  

PC2127035 Datasheet(PDF) 1 Page - Glamox

Part # PC2127035
Description  PACO G2-83 WH 2000 HF930 60°/GL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

PC2127035 Datasheet(HTML) 1 Page - Glamox

  PC2127035 Datasheet HTML 1Page - Glamox PC2127035 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2/2026
The Company reserves the right to change any product specifications without prior notification.
1/2
PACO G2-83 WH 2000 HF
930 60°/GL
Item No.
PC2127035
GTIN
5903531270353
Stock status code
A
Technical specifications
Mounting
Product Mounting
Track
General
Product shape
Round
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
20
Optic
Optic Name
WB - Wide beam
Optic main category
Reflector
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
2000
Number Of Light Source
1
Lumen Per Watt (lm/W)
100
Lamp colour temp (K)
3000
Colour Rendering Index
>90
MacAdam step
3
Light Source Included
true
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L90B50 Ta25 (h)
>100 000
Housing
Body Material
Aluminium
Main Body Material Production Method
Die-casted
Body Colour
WH - White
Main Body Colour Name
Traffic white
Main Body Colour RAL code
RAL 9016
Dimensions
Height (mm)
175
Diameter (mm)
83
Item Net Weight (kg)
0.644
Logistic Data
Item Gross Weight (kg)
0.7


Similar Part No. - PC2127035

ManufacturerPart #DatasheetDescription
logo
Glamox
PC2127034 GLAMOX-PC2127034 Datasheet
147Kb / 2P
PACO G2-83 BL 2000 HF930 60°/GL
PC2127036 GLAMOX-PC2127036 Datasheet
145Kb / 2P
PACO G2-83 BL 2000 HF940 60°/GL
PC2127037 GLAMOX-PC2127037 Datasheet
155Kb / 2P
PACO G2-83 WH 2000 HF940 60°/GL
PC2127038 GLAMOX-PC2127038 Datasheet
153Kb / 2P
PACO G2-93 BL 3200 HF930 60°/GL
More results

Similar Description - PC2127035

ManufacturerPart #DatasheetDescription
logo
Winbond
W83193R-01 WINBOND-W83193R-01 Datasheet
237Kb / 19P
83.MHZ 3-DIMM CLOCK
logo
List of Unclassifed Man...
GL-8U ETC-GL-8U Datasheet
197Kb / 6P
GL-8U
logo
Gilway Technical Lamp
GHB-3M30-G2 GILWAY-GHB-3M30-G2 Datasheet
3Mb / 3P
GHB-3M30-G2
logo
Analog Devices
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
60 MHz 2000 V Monolithic Op Amp
Rev. F
logo
Wall Industries,Inc.
MPQ48S3.3-83R WALL-MPQ48S3.3-83R Datasheet
401Kb / 7P
83 W DC-DC Converter
logo
Analog Devices
AD844 AD-AD844_15 Datasheet
422Kb / 20P
60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Pulse A Technitrol Comp...
JTH-0024NL PULSE-JTH-0024NL Datasheet
314Kb / 4P
CONN,RJ45,1X1,10G,G2
logo
PHOENIX CONTACT
0806961 PHOENIX-0806961 Datasheet
67Kb / 3P
Engraving material - GPE 60 X 30 WH
logo
Ledil, Inc.
C17539 LEDIL-C17539 Datasheet
1Mb / 3P
Colour mixing sublens for BARBARA-G2 and BROOKE-G2
logo
Kingston Technology Far...
DTEG2 KINGSTON-DTEG2 Datasheet
269Kb / 2P
DataTraveler Elite G2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com