Electronic Components Datasheet Search
  English  ▼

X  

PC2127040 Datasheet(PDF) 1 Page - Glamox

Part # PC2127040
Description  PACO G2-93 BL 3200 HF940 60°/GL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

PC2127040 Datasheet(HTML) 1 Page - Glamox

  PC2127040 Datasheet HTML 1Page - Glamox PC2127040 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/1/2026
The Company reserves the right to change any product specifications without prior notification.
1/2
PACO G2-93 BL 3200 HF
940 60°/GL
Item No.
PC2127040
GTIN
5903531270407
Stock status code
A
Technical specifications
Mounting
Product Mounting
Track
General
Product shape
Round
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
32
Optic
Optic Name
WB - Wide beam
Optic main category
Reflector
Technical Data
Minimum TA (ºC)
0
Maximum TA (ºC)
25
IP classification
20
Light Technical Data
Light source
LED
Lumen Out (lm)
3200
Number Of Light Source
1
Lumen Per Watt (lm/W)
100
Lamp colour temp (K)
4000
Colour Rendering Index
>90
MacAdam step
3
Light Source Included
true
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Lifetime
LED Lifetime L90B50 Ta25 (h)
>100 000
Housing
Body Material
Aluminium
Main Body Material Production Method
Die-casted
Body Colour
BL - Black
Main Body Colour Name
Jet black
Main Body Colour RAL code
RAL 9005
Dimensions
Height (mm)
184
Diameter (mm)
93
Item Net Weight (kg)
0.8832
Logistic Data
Item Gross Weight (kg)
0.96


Similar Part No. - PC2127040

ManufacturerPart #DatasheetDescription
logo
Glamox
PC2127041 GLAMOX-PC2127041 Datasheet
165Kb / 2P
PACO G2-93 WH 3200 HF940 60°/GL
PC2127044 GLAMOX-PC2127044 Datasheet
142Kb / 2P
PACO G2-106 BL 3600 HF940 60°/GL
PC2127045 GLAMOX-PC2127045 Datasheet
160Kb / 2P
PACO G2-106 WH 3600 HF940 60°/GL
More results

Similar Description - PC2127040

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL-8U ETC-GL-8U Datasheet
197Kb / 6P
GL-8U
logo
Gilway Technical Lamp
GHB-3M30-G2 GILWAY-GHB-3M30-G2 Datasheet
3Mb / 3P
GHB-3M30-G2
logo
Pasternack Enterprises,...
RG62A-U PASTERNACK-RG62A-U Datasheet
100Kb / 1P
93 OHM COAXIAL CABLE
logo
List of Unclassifed Man...
8255 ETC2-8255 Datasheet
101Kb / 3P
93 Ohm
logo
MicroPower Direct, LLC
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
Effi ciency to 93%
logo
Rosenberger Hochfrequen...
71S102-110N5 ROSENBERGER-71S102-110N5 Datasheet
81Kb / 2P
STRAIGHT PLUG FOR 93 CABLE
logo
Pulse A Technitrol Comp...
JTH-0024NL PULSE-JTH-0024NL Datasheet
314Kb / 4P
CONN,RJ45,1X1,10G,G2
logo
PHOENIX CONTACT
3467 PHOENIX-3467 Datasheet
232Kb / 5P
BL FPM
logo
Ledil, Inc.
C17539 LEDIL-C17539 Datasheet
1Mb / 3P
Colour mixing sublens for BARBARA-G2 and BROOKE-G2
logo
Kingston Technology Far...
DTEG2 KINGSTON-DTEG2 Datasheet
269Kb / 2P
DataTraveler Elite G2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com